Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83255AVF Datasheet(PDF) 33 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83255AVF
Description  PLAYER Device (FDDI Physical Layer Controller)
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83255AVF Datasheet(HTML) 33 Page - National Semiconductor (TI)

Back Button DP83255AVF Datasheet HTML 29Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 30Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 31Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 32Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 33Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 34Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 35Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 36Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 37Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 96 page
background image
50 Registers (Continued)
CURRENT RECEIVE STATE REGISTER (CRSR)
(Continued)
Bit
Symbol
Description
D5
RES
RESERVED
Reserved for future use The reserved bit is set to 0
Note
Users are discouraged from using this bit An attempt to write into this bit will cause the PLAYER device to ignore the
CBUS write cycle and set the Control Bus Write Command Reject bit (CCR) of the Interrupt Condition Register (ICR) to 1
D6
RES
RESERVED
Reserved for future use The reserved bit is set to 0
Note
Users are discouraged from using this bit An attempt to write into this bit will cause the PLAYER device to ignore the
CBUS write cycle and set the Control Bus Write Command Reject bit (CCR) of the Interrupt Condition Register (ICR) to 1
D7
RES
RESERVED
Reserved for future use The reserved bit is set to 0
Note
Users are discouraged from using this bit An attempt to write into this bit will cause the PLAYER device to ignore the
CBUS write cycle and set the Control Bus Write Command Reject bit (CCR) of the Interrupt Condition Register (ICR) to 1
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com