Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83255AVF Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83255AVF
Description  PLAYER Device (FDDI Physical Layer Controller)
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83255AVF Datasheet(HTML) 4 Page - National Semiconductor (TI)

  DP83255AVF Datasheet HTML 1Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 2Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 3Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 4Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 5Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 6Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 7Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 8Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 96 page
background image
20 Architecture Description
21 OVERVIEW
The PLAYER device is comprised of four blocks Receiver
Transmitter Configuration Switch and Control Bus Interface
as shown in
Figure 2-1
Receiver
During normal operation the Receiver Block accepts serial
data as inputs at the rate of 125 Mbps from the Clock Re-
covery Device (DP83231) During the Internal Loopback
mode of operation the Receiver Block accepts data from
the Transmitter Block as inputs
The Receiver Block performs the following operations
 Converts the incoming data stream from NRZI to NRZ if
necessary
 Decodes the data from 5B to 4B coding
 Converts the serial bit stream into 10-bit bytes
 Compensates for the differences between the upstream
and local clocks
 Decodes Line States
 Detects link errors
Finally the Receiver Block presents data symbol pairs
(bytes) to the Configuration Switch Block
Configuration Switch
An FDDI station may be in one of three configurations Iso-
late Wrap or Thru The Configuration Switch supports these
configurations by switching the transmitted and received
data paths between the PLAYER and BMAC devices
The configuration switching is performed internally there-
fore no external logic is required for this function
Transmitter
The Transmiter Block accepts 10-bit bytes from the Config-
uration Switch
The Transmitter Block performs the following operations
 Encodes the data from 4B to 5B coding
 Filters out code violations from the data stream
 Generates Idle Master Halt Quiet or other user defined
symbol pairs upon request
 Converts the data stream from NRZ to NRZI format
ready for transmission if necessary
 Provides smoothing function when necessary
During normal operation the Transmitter Block presents se-
rial data to the fiber optic transmitter While in the External
Loopback mode the Transmitter Block presents serial data
to the Clock Recovery Device
Control Bus Interface
The Control Bus Interface allows a user to
 Program the Configuration Switch
 Enabledisable functions within the Transmitter and Re-
ceiver Blocks (ie NRZNRZI Encoder Smoother PHY
Request Data Parity Line State Generation Symbol Pair
Injection NRZNRZI Decoder Cascade Mode etc)
The Control Bus Interface also performs the following func-
tions
 Monitors Line States received
 Monitors link errors detected by the Receiver Block
 Monitors other error conditions
22 INTERFACES
The PLAYER device connects to external components via 5
functional interfaces Serial Interface PHY Port Interface
Control Bus Interface Clock Interface and the Miscellane-
ous Interface
Serial Interface
The Serial Interface connects the PLAYER device to a fiber
optic transmitter (FOTX) and the Clock Recovery Device
(DP83231)
TLF10386 – 2
FIGURE 2-1 PLAYER Device Block Diagram
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com