Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83255AVF Datasheet(PDF) 72 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83255AVF
Description  PLAYER Device (FDDI Physical Layer Controller)
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83255AVF Datasheet(HTML) 72 Page - National Semiconductor (TI)

Back Button DP83255AVF Datasheet HTML 68Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 69Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 70Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 71Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 72Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 73Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 74Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 75Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 76Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 96 page
background image
60 Pin Descriptions (Continued)
PHY PORT INTERFACE
(Continued)
Symbol
Pin No
IO
Description
BIP
109
O
PHY Port B Indicate Parity
A TTL output signal representing odd parity for the 10-bit
wide Port B Indicate signals (BIP BIC and BIDk70l)
BIC
107
O
PHY Port B Indicate Control
A TTL output signal indicating that the two 4-bit symbols
(BIDk74l and BIDk30l) are either control symbols (BIC e 1) or data symbols (BIC
e
0)
BID7
105
O
PHY Port B Indicate Data
TTL output signals representing the first 4-bit datacontrol
symbol
BID6
103
BID5
100
BID7 is the most significant bit and BID4 is the least significant bit of the first symbol
BID4
97
BID3
94
O
PHY Port B Indicate Data
TTL output signals representing the second 4-bit data
control symbol
BID2
92
BID1
90
BID3 is the most significant bit and BID0 is the least significant bit of the second symbol
BID0
88
BRP
110
I
PHY Port B Request Parity
A TTL input signal representing odd parity for the 10-bit
wide Port B Request signals (BRP BRC and BRDk70l)
BRC
108
I
PHY Port B Request Control
A TTL input signal indicating that the two 4-bit symbols
(BRDk74l) and BRDk30l) are either control symbols (BRC e 1) or data symbols
(BRC e 0)
BRD7
106
I
PHY Port B Request Data
TTL input signals representing the first 4-bit datacontrol
symbol
BRD6
104
BRD5
101
BRD7 is the most significant bit and BRD4 is the least significant bit of the first symbol
BRD4
98
BRD3
95
I
PHY Port B Request Data
TTL input signals representing the second 4-bit datacontrol
symbol
BRD2
93
BRD1
91
BRD3 is the most significant bit and BRD0 is the least significant bit of the second
symbol
BRD0
89
72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com