Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83255AVF Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83255AVF
Description  PLAYER Device (FDDI Physical Layer Controller)
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83255AVF Datasheet(HTML) 5 Page - National Semiconductor (TI)

  DP83255AVF Datasheet HTML 1Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 2Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 3Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 4Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 5Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 6Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 7Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 8Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 96 page
background image
20 Architecture Description
(Continued)
PHY Port Interface
The PHY Port Interface connects the PLAYER device to
one or more BMAC devices andor PLAYER devices Each
PHY Port Interface consists of two byte-wide-interfaces
one for PHY Request data input to the PLAYER device and
one for the PHY Indicate data output of the PLAYER device
Each byte-wide interface consists of a parity bit (odd parity)
a control bit and two 4-bit symbols
The DP8355 PLAYER device has two PHY Port Interfaces
and the DP83251 has only one PHY Port Interface
Control Bus Interface
The Control Bus Interface connects the PLAYER device to
a wide variety of microprocessors and microcontrollers The
Control Bus is an asynchronous interface which provides
access to 32 8-bit registers
Clock Interface
The Clock Interface consists of 125 MHz and 125 MHz
clocks used by the PLAYER device
The clocks are generated by either the Clock Distribution
Device (CDD device) or the Clock Recovery Device (CRD
device)
Miscellaneous Interface
The Miscellaneous Interface consists of
 A reset signal
 User definable sense signals
 User definable enable signals
 Synchronization for cascaded PLAYER devices (a high-
performance non-FDDI mode)
 CMOS power and ground and ECL ground and power
30 Functional Description
The PLAYER Device is comprised of four blocks Receiver
Transmitter Configuration Switch and Control Bus Inter-
face
31 RECEIVER BLOCK
During normal operation the Receiver Block accepts serial
data as inputs at the rate of 125 Mbps from the Clock Re-
covery Device (DP83231) During the Internal Loopback
mode of operation the Receiver Block accepts data from
the Transmitter Block as input
The Receiver Block performs the following operations
 Converts the incoming data stream from NRZI to NRZ if
necessary
 Decodes the data from 5B to 4B coding
 Converts the serial bit stream into National byte-wide
code
 Compensates for the differences between the upstream
and local clocks
 Decodes Line States
 Detects link errors
Finally the Receiver Block presents data symbol pairs to
the Configuration Switch Block
The Receiver Block consists of the following functional
blocks
NRZI to NRZ Decoder
Shift Register
Framing Logic
Symbol Decoder
Line State Detector
Elasticity Buffer
Link Error Detector
See
Figure 3-1
TLF10386 – 3
FIGURE 3-1 Receiver Block Diagram
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com