Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83255AVF Datasheet(PDF) 45 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83255AVF
Description  PLAYER Device (FDDI Physical Layer Controller)
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83255AVF Datasheet(HTML) 45 Page - National Semiconductor (TI)

Back Button DP83255AVF Datasheet HTML 41Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 42Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 43Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 44Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 45Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 46Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 47Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 48Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 49Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 96 page
background image
50 Registers (Continued)
CURRENT STATE PRESCALE COUNT REGISTER (CSPCR)
The Current State Prescale Count Register takes a snap-shot of the State Prescale Counter during every Control Bus interface
read-cycle of this register
During a Control Bus Interface write-cycle to the Current State Prescale Count Register the PLAYER device will set the Control
Bus Write Command Reject bit (CCR) of the Interrupt Condition Register (ICR) to 1 and will ignore a write-cycle
ACCESS RULES
ADDRESS
READ
WRITE
14h
Always
Write Reject
D7
D6
D5
D4
D3
D2
D1
D0
CSPC7
CSPC6
CSPC5
CSPC4
CSPC3
CSPC2
CSPC1
CSPC0
Bit
Symbol
Description
D0 – 7
CSPC0 – 7
CURRENT STATE PRESCALE COUNT k0–7l
45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com