Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83255AVF Datasheet(PDF) 52 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83255AVF
Description  PLAYER Device (FDDI Physical Layer Controller)
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83255AVF Datasheet(HTML) 52 Page - National Semiconductor (TI)

Back Button DP83255AVF Datasheet HTML 48Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 49Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 50Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 51Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 52Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 53Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 54Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 55Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 56Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 96 page
background image
50 Registers (Continued)
CURRENT TRANSMIT STATE COMPARISON REGISTER (CTSCR)
The Current Transmit State Comparison Register ensures that the Control Bus must first read a bit modified by the PLAYER
device before it can be written to by the Control Bus Interface
The current state of the Current Transmit State Register (CTSR) is automatically written into the Current Transmit State
Comparison Register A (ie CTSCR e CTSR) during a Control Bus Interface read-cycle of CTSR
During a Control Bus Interface write-cycle the PLAYER device will set the Conditional Write Inhibit bit (CWI) of the Interrupt
Condition Register (ICR) to 1 and disallow the setting or clearing of a bit within the CTSR when the value of a bit in the CTSR
differs from the value of the corresponding bit in the Current Transmit State Comparison Register
ACCESS RULES
ADDRESS
READ
WRITE
1Bh
Always
Always
D7
D6
D5
D4
D3
D2
D1
D0
RESC
PRDPEC
SEC
IC1C
IC0C
TM2C
TM1C
TM0C
Bit
Symbol
Description
D0
TM0C
TRANSMIT MODE k0l COMPARISON
The comparison bit for the
Transmit Mode k0l (TM0) of the Current Transmit State Register (CTSR)
D1
TM1C
TRANSMIT MODE k1l COMPARISON
The comparison bit for the
Transmit Mode k1l bit (TM1) of the Current Transmit State Register
(CTSR)
D2
TM2C
TRANSMIT MODE k2l COMPARISON
The comparison bit for the
Transmit Mode k2l bit (TM2) of the Current Transmit State Register
(CTSR)
D3
IC0C
INJECTION CONTROL k0l COMPARISON
The comparison bit for the
Injection Control k0l bit (IC0) of the Current Transmit State Register
(CTSR)
D4
IC1C
INJECTION CONTROL k1l COMPARISON
The comparison bit for the
Injection Control k1l bit (IC1) of the Current Transmit Register (CTSR)
D5
SEC
SMOOTHER ENABLE COMPARISON
The comparison bit for the Smoother
Enable bit (SE) to the Current Transmit State Register (CTSR)
D6
PRDPEC
PHY
REQUEST DATA PARITY ENABLE COMPARISON
The comparison
bit for the PHY
Request Data Parity Enable bit (PRDPE) of the Current
Transmit State Register (CTSR)
D7
RESC
RESERVED COMPARISON
The comparison bit for the Reserved bit (RES)
of the Current Transmit State Register (CTSR)
52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com