Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83255AVF Datasheet(PDF) 79 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83255AVF
Description  PLAYER Device (FDDI Physical Layer Controller)
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83255AVF Datasheet(HTML) 79 Page - National Semiconductor (TI)

Back Button DP83255AVF Datasheet HTML 75Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 76Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 77Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 78Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 79Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 80Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 81Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 82Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 83Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 96 page
background image
70 Electrical Characteristics (Continued)
DC electrical characteristics for all Open Drain output signals (INT ACK and CR)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VOL
Output Low Voltage
IOL e 8 mA
05
V
IOZ
TRI-STATE Leakage
VOUT e VCC
10
m
A
DC electrical characteristics for all 100k ECL input and output signals
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VOH
Output High Voltage
VIN e VIH (max)
VCC b 1025
VCC b 0880
V
VOL
Output Low Voltage
VIN e VIL(min)
VCC b 1810
VCC b 1620
V
VIH
Input High Voltage
VCC b 1165
VCC b 0880
V
VIL
Input Low Voltage
VCC b 1810
VCC b 1475
V
IL
Input Low Current
VIN e GND
b
10
m
A
IH
Input High Current
VIN e VCC
100
m
A
Supply Current electrical characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units
ICC
Total Supply
LBC e 125 MHz
440
mA
Current
TXC e 125 MHz
Note
The PLAYER device has two pairs of differential ECL outputs therefore 60 mA of the total supply current is actually consumed by external termination
resistors and the maximum current consumed by the PLAYER device alone is only 380 mA The ECL termination current is calculated as follows
VOH max e VCC b 088V
VOL max e VCC b 162V
Since the outputs are differential the average output level is VCC b 125V The test load per output is 50X at VCC b 2V therefore the external load current
through the 50X resistor is
ILOAD e (VCC b 125) b (VCC b 2) 50
e
0015A
e
15 mA
As result two pairs of ECL outputs consume 60 mA
79



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com