Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83255AVF Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83255AVF
Description  PLAYER Device (FDDI Physical Layer Controller)
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83255AVF Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button DP83255AVF Datasheet HTML 11Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 12Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 13Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 14Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 15Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 16Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 17Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 18Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 96 page
background image
40 Modes of Operation
The PLAYER device can operate in 4 basic modes RUN
STOP LOOPBACK and CASCADE
41 RUN MODE
RUN is the normal mode of operation
In this mode the PLAYER device is configured to be con-
nected to the media via the Fiber Optic Transmitter and
Receiver at the Serial Interface It is also connected to other
PLAYER device(s) andor BMAC device(s) via the Port A
and Port B Interfaces
While operating in the Run mode the PLAYER device re-
ceives and transmits Line States (Quiet Halt Master Idle)
and frames (Active Line State)
42 STOP MODE
The PLAYER device operates in the STOP mode while it is
being initialized or configured
The PLAYER device is also reset to the STOP mode auto-
matically when the RST pin (pin 71 on the DP83251 and pin
111 on the DP83255) is set to ground
When in STOP mode the PLAYER device performs the fol-
lowing functions
 Resets the Repeat Filter
 Resets the Smoother
 Resets the Receiver Block Line State Counters
 Flushes the Elasticity Buffer
 Forces Line State Unknown in the Receiver Block
 Outputs LSU symbol pairs (0 1 0011 1010) through
the PHY Data Indicate pins (AIP AIC AID k70l BIP
BIC BIDk70l)
 Outputs Quiet symbol pairs through the PMD Data Re-
quest pins (TXDg)
 Resets all Control Bus register contents to zero or de-
fault values
43 LOOPBACK MODE
The PLAYER device provides three types of loopback tests
Configuration Switch Loopback Internal Loopback and Ex-
ternal Loopback These Loopback modes can be used to
test different portions of the device
431 Configuration Switch Loopback
The Configuration Switch Loopback can be used to test the
data paths of the BMAC device(s) that are connected to the
PLAYER device before transmitting and receiving data
through the network
In the Configuration Switch Loopback mode the PLAYER
device performs the following functions
 Selects Port A PHY Request Data Port B PHY Request
Data or PHY Invalid to connect to Port A PHY Indicate
Data via the A
IND Mux
 Selects Port A PHY Request Data Port B PHY Request
Data or PHY Invalid to connect to Port B PHY Indicate
Data via the B
IND Mux
 Connects data from the Receiver Block to the Transmit-
ter Block via the Transmitter
Mux (The PLAYER device
is repeating incoming data from the media in the Configu-
ration Switch Loopback mode)
See
Figure 4-1a and 4-1b for block diagrams
TLF10386 – 42
FIGURE 4-1a Configuration Switch
Loopback for DP83255
TLF10386 – 43
FIGURE 4-1b Configuration Switch
Loopback for DP83251
FIGURE 4-1
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com