Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83255AVF Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83255AVF
Description  PLAYER Device (FDDI Physical Layer Controller)
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83255AVF Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button DP83255AVF Datasheet HTML 3Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 4Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 5Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 6Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 7Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 8Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 9Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 10Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 96 page
background image
30 Functional Description (Continued)
No Signal Detect
The Line State Detector recognizes the incoming data to be
in the No Signal Detect state upon the deassertion of the
Signal Detect signal No Signal Detect indicates that the
incoming link is inactive
Master Line State
The Line State Detector recognizes the incoming data to be
in the Master Line State upon the reception of eight consec-
utive Halt-Quiet symbol pairs nominally (plus up to 2 symbol
pairs in start up cases)
The Master Line State is used in the handshake sequence
of the PHY Connection Management process
Halt Line State
The Line State Detector recognizes the incoming data to be
in the Halt Line State upon the reception of eight consecu-
tive Halt symbol pairs nominally (plus up to 2 symbol pairs in
start up cases)
The Halt Line State is used in the handshake sequence of
the PHY Connection Management process
Quiet Line State
The Line State Detector recognizes the incoming data to be
in the Quiet Line State upon the reception of eight consecu-
tive Quiet symbol pairs nominally (plus up to 9 bits of 0 in
start up cases)
The Quiet Line State is used in the handshake sequence of
the PHY Connection Management process
Noise Line State
The Line State Detector recognizes the incoming data to be
in the Noise Line State upon the reception of 16 noise sym-
bol pairs
The Noise Line State indicates that data is not received
correctly A detailed description of a noise event can be
found in Section 82
Line State Unknown
The Line State Detector recognizes the incoming data to be
in the Line State Unknown state upon the reception of one
inconsistent symbol pair (ie data that is not expected) This
may be the beginning of a new line state
Line State Unknown indicates that data is not received cor-
rectly If the condition persists the noise line state may be
entered
ELASTICITY BUFFER
The Elasticity Buffer performs the function of a ‘‘variable
depth’’ FIFO to compensate for clock skews between the
Receive Clock (RXCg) and the Local Byte Clock (LBC)
Bit 5 (EBOU) of the Receive Condition Register B (RCRB) is
set to 1 to indicate an error condition when the Elasticity
Buffer cannot compensate for the clock skews
The Elasticity Buffer will support maximum clock skews of
g
50 ppm with a maximum packet length of 4500 bytes
To make up for the accumulation of frequency disparity be-
tween the two clocks the Elasticity Buffer will insert or de-
lete Idle symbol pairs in the preamble Data is written into
the byte-wide registers of the Elasticity Buffer with the Re-
ceive Clock while data is read from the registers with the
Local Byte Clock
The Elasticity Buffer will recenter (ie set the read and write
pointers to a predetermined distance from each other) upon
the detection of a JK or every four byte times during PHY
Invalid (ie MLS HLS QLS NLS NSD) and Idle Line State
To resolve metastability problems the Elasticity Buffer is
designed such that a given register cannot be written and
read simultaneously under normal operating conditions In a
symbol-wide station a 5-bit off boundary JK following after a
maximum size frame situation may be produced which may
result in a small increase in the probability of an error
caused by a metastability condition
LINK ERROR DETECTOR
The Link Error Detector provides continuous monitoring of
an active link (ie during Active and Idle Line States) to
insure that it meets the minimum Bit Error Rate requirement
as set by the standard or user to remain on the ring
Upon detecting a link error the internal 8-bit Link Error Mon-
itor Counter is decremented The start value for the Link
Error Monitor Counter is programmed through the Link Error
Threshold Register (LETR) When the Link Error Monitor
Counter reaches zero bit 4 (LEMT) of the Interrupt Condi-
tion Register (ICR) is set to 1 The current value of the Link
Error Monitor Counter can be read through the Current Link
Error Count Register (CLECR) For higher error rates the
current value is an approximate count because the counter
rolls over
There are two ways to determine Link Error Rate polling
and interrupt
Polling
The Link Error Monitor Counter is set to the value of FF
This start value is programmed through the Link Error
Threshold Register (LETR)
Upon detecting a link error the Current Link Error Counter is
decremented
The Host System reads the current value of the Link Error
Monitor Counter via the Current Link Error Count Register
(CLECR) The Counter is then reset to FF
Interrupt
The Link Error Monitor Counter is set to the value of FF
This start value is programmed through the Link Error
Threshold Register (LETR)
Upon detecting a link error the Line Error Monitor Counter
is decremented When the counter reaches zero bit 4
(LEMT) of the Interrupt Condition Register (ICR) is set to 1
and the interrupt signal goes low
The Host System is interrupted when the Link Error Monitor
Counter reaches 0
A state table describing Link Errors in more detail can be
found in Section 83
Miscellaneous Items
When bit 0 (RUN) of the Mode Register (MR) is set to zero
or when the PLAYER device is reset through the Reset pin
(RST) the Signal Detect line (TTLSD) is internally forced to
zero and the Line State Detector is set to Line State Un-
known
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com