Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C901AVIT Datasheet(PDF) 16 Page - Advanced Micro Devices

Part # AM79C901AVIT
Description  HomePHY Single-Chip 1/10 Mbps Home Networking PHY
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C901AVIT Datasheet(HTML) 16 Page - Advanced Micro Devices

Back Button AM79C901AVIT Datasheet HTML 12Page - Advanced Micro Devices AM79C901AVIT Datasheet HTML 13Page - Advanced Micro Devices AM79C901AVIT Datasheet HTML 14Page - Advanced Micro Devices AM79C901AVIT Datasheet HTML 15Page - Advanced Micro Devices AM79C901AVIT Datasheet HTML 16Page - Advanced Micro Devices AM79C901AVIT Datasheet HTML 17Page - Advanced Micro Devices AM79C901AVIT Datasheet HTML 18Page - Advanced Micro Devices AM79C901AVIT Datasheet HTML 19Page - Advanced Micro Devices AM79C901AVIT Datasheet HTML 20Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 90 page
background image
16
Am79C901A
PR ELI M IN AR Y
PIN DESIGNATIONS
Listed By Driver Type
The following table describes the various types of out-
put drivers used in the Am79C901A PHY. All IOL and
IOH values shown in the table apply to 3.3 V signaling.
A sustained tri-state signal is an active-low signal that is
driven high for one clock period before it is left floating.
TX± is a differential output driver. Its characteristics
and those of the XTAL2 output are described in the DC
Characteristics section.
Note: For reference only. See DC specification for actual limits.
Driver Name
Type
IOL (mA)
IOH (mA)
Load (pF)
LED
LED
12
0.4
50
TS
Tri-State
6
2
50
OMII
Tri-State
4
4
50
TSMII
Tri-State
4
4
150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com