Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C901AVIT Datasheet(PDF) 75 Page - Advanced Micro Devices

Part # AM79C901AVIT
Description  HomePHY Single-Chip 1/10 Mbps Home Networking PHY
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C901AVIT Datasheet(HTML) 75 Page - Advanced Micro Devices

Back Button AM79C901AVIT Datasheet HTML 71Page - Advanced Micro Devices AM79C901AVIT Datasheet HTML 72Page - Advanced Micro Devices AM79C901AVIT Datasheet HTML 73Page - Advanced Micro Devices AM79C901AVIT Datasheet HTML 74Page - Advanced Micro Devices AM79C901AVIT Datasheet HTML 75Page - Advanced Micro Devices AM79C901AVIT Datasheet HTML 76Page - Advanced Micro Devices AM79C901AVIT Datasheet HTML 77Page - Advanced Micro Devices AM79C901AVIT Datasheet HTML 78Page - Advanced Micro Devices AM79C901AVIT Datasheet HTML 79Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 90 page
background image
Am79C901A
75
PR ELI M IN AR Y
AC CHARACTERISTICS (CONTINUED)
MII
10BASE-T Transmit Timing (MII)
Note:
Not tested
Figure 9.
10 Mbps Transmit Timing (MII)
No.
Symbol
Parameter Description
Min
Max
Unit
40
tS
TXD, TX_EN setup time to TXCLK
↑ edge
10
–
ns
41
tH
TXD, TX_EN hold time from TXCLK
↑ edge
0
–
ns
42
tPD
Transmit latency (TX_EN sampled HIGH to 1st bit of data)
240
360
ns
43
tPD
CRS assert from TX_EN sampled HIGH
0
430
ns
44
tPD
CRS de-assert from TX_EN sampled LOW
0
430
ns
45
tPWL
TX_EN de-assertion time between packets (Note 1)
1200
–
ns
40
41
42
43
44
45
TX_CLK
TX_EN
CRS
TX±
TXD,
TX_EN
End of Packet
Start of Packet
22304B-33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com