Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C901AVIT Datasheet(PDF) 69 Page - Advanced Micro Devices

Part # AM79C901AVIT
Description  HomePHY Single-Chip 1/10 Mbps Home Networking PHY
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C901AVIT Datasheet(HTML) 69 Page - Advanced Micro Devices

Back Button AM79C901AVIT Datasheet HTML 65Page - Advanced Micro Devices AM79C901AVIT Datasheet HTML 66Page - Advanced Micro Devices AM79C901AVIT Datasheet HTML 67Page - Advanced Micro Devices AM79C901AVIT Datasheet HTML 68Page - Advanced Micro Devices AM79C901AVIT Datasheet HTML 69Page - Advanced Micro Devices AM79C901AVIT Datasheet HTML 70Page - Advanced Micro Devices AM79C901AVIT Datasheet HTML 71Page - Advanced Micro Devices AM79C901AVIT Datasheet HTML 72Page - Advanced Micro Devices AM79C901AVIT Datasheet HTML 73Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 90 page
background image
Am79C901A
69
PR ELI M IN AR Y
AC CHARACTERISTICS
GPSI
10BASE-T Transmit Timing (GPSI)
Note: Not tested.
Figure 2.
10 Mbps Transmit Timing (GPSI)
No.
Symbol
Parameter Description
Min
Max
Unit
1tS
TXDAT, TXEN setup time to TXCLK
↑ edge
10
–
ns
2tH
TXDAT, TXEN hold time from TXCLK
↑ edge
0
–
ns
3tPD
Transmit latency (TXEN sampled HIGH to 1st bit of data)
240
360
ns
4tPD
RXCRS assert from TXEN sampled HIGH
0
130
ns
5tPD
RXCRS de-assert from TXEN sampled LOW
0
130
ns
6tPWL
TXEN de-assertion time between packets (Note 1)
300
–
ns
1
2
3
4
5
6
TXCLK
TXEN
RXCRS
TX±
TXDAT,
TXEN
End of Packet
Start of Packet
22304B-26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com