Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C901AVIT Datasheet(PDF) 67 Page - Advanced Micro Devices

Part # AM79C901AVIT
Description  HomePHY Single-Chip 1/10 Mbps Home Networking PHY
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C901AVIT Datasheet(HTML) 67 Page - Advanced Micro Devices

Back Button AM79C901AVIT Datasheet HTML 63Page - Advanced Micro Devices AM79C901AVIT Datasheet HTML 64Page - Advanced Micro Devices AM79C901AVIT Datasheet HTML 65Page - Advanced Micro Devices AM79C901AVIT Datasheet HTML 66Page - Advanced Micro Devices AM79C901AVIT Datasheet HTML 67Page - Advanced Micro Devices AM79C901AVIT Datasheet HTML 68Page - Advanced Micro Devices AM79C901AVIT Datasheet HTML 69Page - Advanced Micro Devices AM79C901AVIT Datasheet HTML 70Page - Advanced Micro Devices AM79C901AVIT Datasheet HTML 71Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 90 page
background image
Am79C901A
67
PR ELI M IN AR Y
DC CHARACTERISTICS
Notes:
1. VOH does not apply to open-drain output pins.
2. IOH2 applies to all other outputs.
3. IOZ applies to all output and bidirectional pins. Tests are performed at VIN = 0 V and at VDD only.
4. IIX applies to all input pins except TDI, TCLK, and TMS pins.
5. IIL and IIH apply to the TDI, TCLK, and TMS pins.
6. Parameter not tested. Value determined by characterization.
7. CCLK applies only to the CLK pin.
8. VOUT reflects output levels prior to 1: √ 2 transformer state.
Parameter
Symbol
Parameter Description
Test Conditions
Min
Max
Units
Digital I/O Voltage
VIH
Input HIGH Voltage
2.0
V
VIH5V
Input HIGH voltage (5V)
2.0
DVDD + 2.5
V
VIL
Input LOW Voltage
0.8
V
VOL
Output LOW Voltage
IOL1 = 4 mA
IOL2 = 6 mA
IOL3 = 12 mA
0.4
V
VOH
Output HIGH Voltage (Notes 1, 2)
IOH1 = -4 mA
IOH2 = -2 mA
(Note 2)
2.4
V
VOUT
Output Voltage on TX± (peak)
(Note 8)
1.55
1.98
V
VDIFF
Input Differential Squelch Assert on
RX± (peak)
300
520
mV
VDIFF
Input Differential De-Assert Voltage
on RX± (peak)
150
300
mV
Digital I/O Current
IOZ
Output Leakage Current (Note 3)
0 V <VOUT <VDD
-10
10
µA
IIX
Input Leakage Current (Note 4)
0 V < VIN < VDD
-10
10
µA
IIL
Input LOW Current (Note 5)
VIN = 0 V; VDD = 3.6 V
-200
-10
µA
IIH
Input HIGH Current (Note 5)
VIN = 2.7 V; VDD = 3.6 V
-50
10
µA
Power Supply Current
ICC
(1 Mbps)
1 Mbps mode on TX± and RX±.
Outputs driving load.
VDD= Maximum
Transmitting maximum packets at
minimum IPG.
100
mA
ICC
(10 Mbps)
10BASE-T mode on TX± and RX±.
Outputs driving load.
VDD = Maximum
Transmitting maximum packets at
minimum IPG.
175
mA
ICC
(Static)
XCLK frequency = 0.
VDD = Maximum
45
mA
ICC
(Idle)
Not transmitting.
VDD = Maximum
75
mA
Pin Capacitance
CIN
Pin Capacitance
FC = 1 MHz (Note 6)
10
pF
CCLK
CLK Pin Capacitance
FC = 1 MHz (Notes 6, 7)
5
12
pF
LPIN
Pin Inductance
FC = 1 MHz (Note 6)
20
nH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com