Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C901AVIT Datasheet(PDF) 59 Page - Advanced Micro Devices

Part # AM79C901AVIT
Description  HomePHY Single-Chip 1/10 Mbps Home Networking PHY
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C901AVIT Datasheet(HTML) 59 Page - Advanced Micro Devices

Back Button AM79C901AVIT Datasheet HTML 55Page - Advanced Micro Devices AM79C901AVIT Datasheet HTML 56Page - Advanced Micro Devices AM79C901AVIT Datasheet HTML 57Page - Advanced Micro Devices AM79C901AVIT Datasheet HTML 58Page - Advanced Micro Devices AM79C901AVIT Datasheet HTML 59Page - Advanced Micro Devices AM79C901AVIT Datasheet HTML 60Page - Advanced Micro Devices AM79C901AVIT Datasheet HTML 61Page - Advanced Micro Devices AM79C901AVIT Datasheet HTML 62Page - Advanced Micro Devices AM79C901AVIT Datasheet HTML 63Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 90 page
background image
Am79C901A
59
PR ELI M IN AR Y
TBR2 and TBR3: 10BASE-T PHY Identifier Register (Registers 2 and 3)
Registers 2 and 3 contain a unique PHY identifier, con-
sisting of 22 bits of the organizationally unique IEEE
identifier, a 6-bit manufacturer’s model number, and a
4-bit manufacturer’s revision number. The most signifi-
cant bit of the PHY identifier is bit 15 of register 2; the
least significant bit of the PHY identifier is bit 0 of reg-
ister 3. Register 2, bit 15, corresponds to bit 3 of the
IEEE identifier and register 2, bit 0, corresponds to bit
18 of the IEEE identifier. Register 3, bit 15, corre-
sponds to bit 19 of the IEEE identifier and register 3, bit
10, corresponds to bit 24 of the IEEE identifier. Regis-
ter 3, bits 9-4, contain the manufacturer’s model num-
ber and bits 3-0 contain the manufacturer’s revision
number. These registers are shown in Table 43 and
Table 44.
Table 43.
TBR2: 10BASE-T PHY Identifier Register (Register 2)
Table 44.
TBR3: 10BASE-T PHY Identifier Register (Register 3)
Bits
Name
Description
Read/
Write
Default Value (hex)
15:0
PHY_ID[31-16]
IEEE Address (bits 3-18); Register 2, bit
15 is MSB of PHY Identifier
R
0000
Bits
Name
Description
Read/
Write
Default Value (hex)
15:10
PHY_ID[15-10]
IEEE Address (bits 19-24)
R1A
9:4
PHY_ID[9-4]
Manufacturer’s Model Number (bits 5-0)
R37
3:0
PHY_ID[3-0]
Revision Number (bits 3-0); Register 3, bit
0, is LSB of PHY Identifier
R01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com