Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C901AVIT Datasheet(PDF) 57 Page - Advanced Micro Devices

Part # AM79C901AVIT
Description  HomePHY Single-Chip 1/10 Mbps Home Networking PHY
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C901AVIT Datasheet(HTML) 57 Page - Advanced Micro Devices

Back Button AM79C901AVIT Datasheet HTML 53Page - Advanced Micro Devices AM79C901AVIT Datasheet HTML 54Page - Advanced Micro Devices AM79C901AVIT Datasheet HTML 55Page - Advanced Micro Devices AM79C901AVIT Datasheet HTML 56Page - Advanced Micro Devices AM79C901AVIT Datasheet HTML 57Page - Advanced Micro Devices AM79C901AVIT Datasheet HTML 58Page - Advanced Micro Devices AM79C901AVIT Datasheet HTML 59Page - Advanced Micro Devices AM79C901AVIT Datasheet HTML 60Page - Advanced Micro Devices AM79C901AVIT Datasheet HTML 61Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 90 page
background image
Am79C901A
57
PR ELI M IN AR Y
TBR0: 10BASE-T PHY Control Register (Register 0)
Table 41.
TBR0: 10BASE-T PHY Control Register (Register 0)
Notes:
1. R/W = Read/Write, SC = Self Clearing, R = Read only.
2. Soft Reset does not reset the PDX block. Refer to the Soft Reset section for details.
3. Bits 8 and 13 have no effect if Auto-Negotiation is enabled (Bit 12 = 1).
4. If the ISOL pin of the chip and the Isolate bit in Register 0 is 1, this bit will be set.
5. The “enable loopback mode” bit must also be set to ensure that collision traffic is not imposed on the network.
Bits
Name
Description
Read/Write
(Note 1)
Default
Value
(hex)
15
Soft Reset (Note 2)
When write
1 = PHY software reset
0 = Normal operation
When read
1 = Reset in process
0 = Reset done
R/W, SC
0
14
Enable Loopback Mode
1 = Loopback mode enable
0 = Loopback mode disable
R/W
0
13
Speed Selection
(Note 3)
1 = 100 Mbps (not available)
0 = 10 Mbps
R0
12
Auto-Negotiation Enable
1 = Enable Auto-Negotiation
0 = Disable Auto-Negotiation
R/W
1
11
Power Down
1 = Power down
0 = Normal operation
R/W
0
10
Isolate
(Note 4)
1 = Electrically isolates PHY from the MII/GPSI
0 = Normal operation
R/W
1
9
Restart Auto-Negotiation
1 = Restart Auto-Negotiation
0 = Normal operation
R/W, SC
0
8
Duplex Mode
(Note 3)
1 = Full-Duplex
0 = Half-Duplex
R/W
1
7
Collision Test
(Note 5)
1 = Enable COL signal test
0 = Disable COL signal test
R/W
0
6:0
Reserved
Write as 0, ignore on read
R0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com