Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C901AVIT Datasheet(PDF) 32 Page - Advanced Micro Devices

Part # AM79C901AVIT
Description  HomePHY Single-Chip 1/10 Mbps Home Networking PHY
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C901AVIT Datasheet(HTML) 32 Page - Advanced Micro Devices

Back Button AM79C901AVIT Datasheet HTML 28Page - Advanced Micro Devices AM79C901AVIT Datasheet HTML 29Page - Advanced Micro Devices AM79C901AVIT Datasheet HTML 30Page - Advanced Micro Devices AM79C901AVIT Datasheet HTML 31Page - Advanced Micro Devices AM79C901AVIT Datasheet HTML 32Page - Advanced Micro Devices AM79C901AVIT Datasheet HTML 33Page - Advanced Micro Devices AM79C901AVIT Datasheet HTML 34Page - Advanced Micro Devices AM79C901AVIT Datasheet HTML 35Page - Advanced Micro Devices AM79C901AVIT Datasheet HTML 36Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 90 page
background image
32
Am79C901A
PR ELI M IN AR Y
Figure 16.
HomePNA PHY Framing
HomePNA PHY Symbol Waveform
All HomePNA PHY symbols are composed at the transmit-
ter of a silence interval and a pulse formed of an integer
number of cycles (TX_PULSE_CYCLES_P/N in HPR29)
of a square wave of frequency (CENTER_FREQUENCY
TX_PULSE_WIDTH in HPR29) that has been filtered with
an external bandpass filter. Data is encoded in the time in-
terval from the preceding pulse.
Table 6.
HomePNA PHY Pulse Parameters
Time Interval Unit
HomePNA PHY time intervals are expressed in Time
Interval Clock (TIC) units. One TIC is defined as
7/60E6 seconds or approximately 116.7 ns.
Access ID Intervals
A HomePNA frame begins with an Access ID (AID) in-
terval which is composed of eight equally spaced sub-
intervals termed AID symbols 0 through 7 as shown in
Figure 17.
An AID symbol is 129 TICs long. Transmit timing is
shown in Figure 17; receive timing in Figure 18. Timing
starts at the beginning of each AID symbol at TIC = 0
and ends at TIC = 129.
These symbols are described in the following sections.
Symbol 0 (SYNC interval)
SYNC Transmit Timing: The SYNC interval (AID sym-
bol 0) delineates the beginning of a HomePNA PHY
frame and is composed of a SYNC_START pulse, fol-
lowed by a SYNC_END pulse, after a fixed silence in-
terval as shown in Figure 17. Timing for this (AID
symbol 0) starts (TIC = 0) at the beginning of the
SYNC_START pulse. The SYNC_END pulse starts at
TIC = 126.
At TIC = 129, this AID symbol 0 ends and the next AID
symbol begins, with the symbol timing reference reset
to TIC = 0. No information bits are coded in the SYNC
(AID symbol 0 interval).
SYNC Receive Timing: As soon as the SYNC_START
pulse is detected the receiver disables (blanks) further
detection until time TIC = 61, after which detection is
re-enabled for the next received pulse. The receiver al-
lows for jitter by establishing a window around each
legal pulse position. This asymmetrical window is two
TICS wide on one side of the position and one TIC wide
on the other.
A SYNC_END pulse that arrives outside the window of
the legal TIC = 126 is considered a noise event which
is used in setting the adaptive squelch level, aborts the
packet, and sets the receiver in search of a new
SYNC_START pulse and SYNC interval. If it is a trans-
mitting station, the COLLISION event is asserted as
described in the Collisions section.
SYNC
interval
Access ID
Silence
PCOM
4
Source
6
Destination
Length
2
ETHERNET MAC and DATA
max 1500
CRC
4
32 bits
PCOM
Ethernet Packet
Fixed
14.93
µs
AID
blanking
interval
AID
blanking
interval
AID
blanking
interval
AID
blanking
interval
AID
blanking
interval
AID
blanking
interval
01
11
10
00
01
00
60 tics
129 tics
129 tics
129 tics
129 tics
129 tics
129 tics
129 tics
Data
symbols
20 tics
66 tics
Silence
interval
SYNC
Symbol 0
ACCESS
ID Symbol
1
ACCESS
ID Symbol
2
ACCESS
ID Symbol
3
ACCESS
ID Symbol
4
ACCESS
ID Symbol
5
ACCESS
ID Symbol
6
ACCESS
ID Symbol
7
30.75
µs
@ 1 Mbps
ACCESS ID interval
Example Access ID of 01110100 and control word 0100
Fixed 120.39
µs
HomePNA PHY Header
151.14
µs @ 1 Mbps
1 Tic = 116.6667 ns
HomePNA Header
Ethernet Packet
pulse
129 tics
= receiver blanking interval
potential
pulse position
6
22304B-18
Note: Using default configurations.
Parameter
Value
Tolerance
Unit
CENTER_FREQUENCY
7.5
500 PPM
MHz
CYCLES_PER_PULSE
4
–
Cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com