Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C901AVIT Datasheet(PDF) 74 Page - Advanced Micro Devices

Part # AM79C901AVIT
Description  HomePHY Single-Chip 1/10 Mbps Home Networking PHY
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C901AVIT Datasheet(HTML) 74 Page - Advanced Micro Devices

Back Button AM79C901AVIT Datasheet HTML 70Page - Advanced Micro Devices AM79C901AVIT Datasheet HTML 71Page - Advanced Micro Devices AM79C901AVIT Datasheet HTML 72Page - Advanced Micro Devices AM79C901AVIT Datasheet HTML 73Page - Advanced Micro Devices AM79C901AVIT Datasheet HTML 74Page - Advanced Micro Devices AM79C901AVIT Datasheet HTML 75Page - Advanced Micro Devices AM79C901AVIT Datasheet HTML 76Page - Advanced Micro Devices AM79C901AVIT Datasheet HTML 77Page - Advanced Micro Devices AM79C901AVIT Datasheet HTML 78Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 90 page
background image
74
Am79C901A
PR ELI M IN AR Y
AC CHARACTERISTICS (CONTINUED)
1 Mbps HomePNA Clock Timing (GPSI)
Note: During AID interval, RXCLK and TXCLK stop for up to 140
µs.
Figure 8.
1 Mbps HomePNA Clock Timing (GPSI)
No.
Symbol
Parameter Description
Clock Period
Unit
Idle (excluding IPG time)
35
tPER
TXCLK, RXCLK period
583.3
ns
36
tPWH
TXCLK, RXCLK pulse width HIGH
115.5
ns
37
tPWL
TXCLK, RXCLK pulse width LOW
467.8
ns
Preamble (first 64 bits of TX MAC frame)
35
tPER
TXCLK, RXCLK period
233.3
ns
36
tPWH
TXCLK, RXCLK pulse width HIGH
115.5
ns
37
tPWL
TXCLK, RXCLK pulse width LOW
117.8
ns
Data (thoughtout the data phase)
35
tPER
TXCLK, RXCLK period
233.3 ns - 10
µs
36
tPWH
TXCLK, RXCLK pulse width HIGH
115.5
ns
37
tPWL
TXCLK, RXCLK pulse width LOW
117.8 ns - 10
µs
IPG (96 bit times following CRS falling edge)
35
tPER
TXCLK, RXCLK period
233.3
ns
36
tPWH
TXCLK, RXCLK pulse width HIGH
115.5
ns
37
tPWL
TXCLK, RXCLK pulse width LOW
117.8
ns
TXCLK,
RXCLK
35
37
36
22304B-32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com