Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C901AVIT Datasheet(PDF) 41 Page - Advanced Micro Devices

Part # AM79C901AVIT
Description  HomePHY Single-Chip 1/10 Mbps Home Networking PHY
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C901AVIT Datasheet(HTML) 41 Page - Advanced Micro Devices

Back Button AM79C901AVIT Datasheet HTML 37Page - Advanced Micro Devices AM79C901AVIT Datasheet HTML 38Page - Advanced Micro Devices AM79C901AVIT Datasheet HTML 39Page - Advanced Micro Devices AM79C901AVIT Datasheet HTML 40Page - Advanced Micro Devices AM79C901AVIT Datasheet HTML 41Page - Advanced Micro Devices AM79C901AVIT Datasheet HTML 42Page - Advanced Micro Devices AM79C901AVIT Datasheet HTML 43Page - Advanced Micro Devices AM79C901AVIT Datasheet HTML 44Page - Advanced Micro Devices AM79C901AVIT Datasheet HTML 45Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 90 page
background image
Am79C901A
41
PR ELI M IN AR Y
Instruction Register and Decoding Logic
After the TAP FSM is reset, the IDCODE instruction is
always invoked. The decoding logic gives signals to con-
trol the data flow in the data registers according to the
current instruction.
Boundary Scan Register
Each Boundary Scan Register (BSR) cell has two
stages. A flip-flop and a latch are used for the Serial
Shift Stage and the Parallel Output Stage, respectively.
There are four possible operation modes in the BSR
cell shown in Table 13.
Other Data Registers
Other data registers are the following:
1. Bypass register (1 bit)
2. Device ID register (32 bits) (Table 14).
Boundary Scan Cells
In Boundary Scan, most of the chip input and output
latches are linked together to form a scan chain.
The main purpose of this is board-level testing. See
Table 15.
To force the output pins, use SAMPLE to load the
BSR cells via the TDI pin and EXTEST to force the
output. Program the output cells, and set the control
cells to enable the output, or clear the control cells to
float the output.
To sample the chip inputs and outputs, use a SAMPLE
command and cell values are shifted out through the
TDO pin. Check the values in the input cells. Both input
and output pins have input-type cells.
Table 15.
Boundary Scan Ring Order
Table 12.
IEEE 1149.1 Supported Instruction
Summary
Instruction
Name
Instruction
Code
Description
Mode
Selected
Data
Register
EXTEST
0000
External Test
Test
BSR
IDCODE
0001
ID Code
Inspection
Normal
ID REG
SAMPLE
0010
Sample
Boundary
Normal
BSR
TRI_ST
0011
Force Tri-
State
Normal
Bypass
BYPASS
1111
Bypass Scan Normal
Bypass
TRI_ST
0011
Force Tri-
State
Normal
Bypass
BYPASS
1111
Bypass Scan Normal
Bypass
Table 13.
BSR Mode Of Operation
1
Capture
2
Shift
3
Update
4
System Function
Table 14.
Device ID Register
Bits 31-28
Version
Bits 27-12
Part Number (1001 0000 0001 0000)
Bits 11-1
Manufacturer ID. The 11-bit manufacturer ID
code for AMD is 00000000001 in
accordance with JEDEC publication 106-A.
Bit 0
Always a logic 1
BSR Cell
No.
Cell Name
Cell
Type1
Pin
No.
53
XTAL_SEL_L
IN
39
52
CRS
IN
32
51
CRS
OUT
32
50
CRS_COL_OEN
CO
–
49
COL
IN
30
48
COL
OUT
30
47
TXD3_CSN
IN
28
46
TXD2
IN
27
45
TXD1_SDI
IN
25
44
TXD0_TXDAT
IN
24
43
TX_EN
IN
23
42
TX_CLK_OEN
CO
–
41
TX_CLK
IN
22
40
TX_CLK
OUT
22
39
GM_MODE
IN
21
38
RX_ER
IN
19
37
RX_ER
OUT
19
36
PHY_SEL
IN
17
35
RX_CLK
IN
15
34
RX_CLK
OUT
15
33
RX_DV_RXEN
IN
13
32
RX_DV_RXEN
OUT
13
31
RXD_OEN
CO
–
30
RXD0_RXDAT
IN
11
29
RXD0_RXDAT
OUT
11
28
RXD1
IN
10
27
RXD1
OUT
10
26
RXD2
IN
9
25
RXD2
OUT
9
24
RXD3
IN
8
23
RXD3
OUT
8
22
LED_SPEED
CO
6
21
LED_SPEED
IN
6
20
LED_SPEED
OUT
6
19
LED_POWER
CO
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com