Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H742VG Datasheet(PDF) 64 Page - STMicroelectronics

Part # STM32H742VG
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H742VG Datasheet(HTML) 64 Page - STMicroelectronics

Back Button STM32H742VG Datasheet HTML 60Page - STMicroelectronics STM32H742VG Datasheet HTML 61Page - STMicroelectronics STM32H742VG Datasheet HTML 62Page - STMicroelectronics STM32H742VG Datasheet HTML 63Page - STMicroelectronics STM32H742VG Datasheet HTML 64Page - STMicroelectronics STM32H742VG Datasheet HTML 65Page - STMicroelectronics STM32H742VG Datasheet HTML 66Page - STMicroelectronics STM32H742VG Datasheet HTML 67Page - STMicroelectronics STM32H742VG Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 357 page
background image
Pin descriptions
STM32H742xI/G STM32H743xI/G
64/357
DS12110 Rev 10
Table 9. Pin/ball definition
Pin/ball name
Pin name
(function
after
reset)
Alternate functions
Additional
functions
1
A3
1
A2
A2
1
1
C3
PE2
I/O
FT_h
-
TRACECLK, SAI1_CK1,
SPI4_SCK,
SAI1_MCLK_A,
SAI4_MCLK_A,
QUADSPI_BK1_IO2,
SAI4_CK1,
ETH_MII_TXD3,
FMC_A23, EVENTOUT
-
2
B3
2
B2
A1
2
2
D3
PE3
I/O
FT_h
-
TRACED0, TIM15_BKIN,
SAI1_SD_B, SAI4_SD_B,
FMC_A19, EVENTOUT
-
3
C3
3
A1
B1
3
3
D2
PE4
I/O
FT_h
-
TRACED1, SAI1_D2,
DFSDM1_DATIN3,
TIM15_CH1N,
SPI4_NSS, SAI1_FS_A,
SAI4_FS_A, SAI4_D2,
FMC_A20, DCMI_D4,
LCD_B0, EVENTOUT
-
4
D3
4
C3
B2
4
4
D1
PE5
I/O
FT_h
-
TRACED2, SAI1_CK2,
DFSDM1_CKIN3,
TIM15_CH1, SPI4_MISO,
SAI1_SCK_A,
SAI4_SCK_A, SAI4_CK2,
FMC_A21, DCMI_D6,
LCD_G0, EVENTOUT
-
5
E3
5
C2
B3
5
5
E5
PE6
I/O
FT_h
-
TRACED3, TIM1_BKIN2,
SAI1_D1, TIM15_CH2,
SPI4_MOSI, SAI1_SD_A,
SAI4_SD_A, SAI4_D1,
SAI2_MCLK_B,
TIM1_BKIN2_COMP12,
FMC_A22, DCMI_D7,
LCD_G1, EVENTOUT
-
-
-
-
M4
H10
-
-
A1
VSS
S
-
-
-
-
--
-
A3
-
-
-
-
VDD
S
-
-
-
-
6
B2
6
E3
C1
6
6
B1
VBAT
S
-
-
-
-
-
-
-
-
J6
-
-
B2
VSS
S
-
-
-
-
-
-
-
-
D2
7
7
E4
PI8
I/O
FT
-
EVENTOUT
RTC_TAMP2/
WKUP3
7
A2
7
D3
D1
8
8
E3
PC13
I/O
FT
-
EVENTOUT
RTC_TAMP1/
RTC_TS/
WKUP4
-
-
-
-
J7
-
-
B6
VSS
S
-
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com