Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H742VG Datasheet(PDF) 33 Page - STMicroelectronics

Part # STM32H742VG
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H742VG Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STM32H742VG Datasheet HTML 29Page - STMicroelectronics STM32H742VG Datasheet HTML 30Page - STMicroelectronics STM32H742VG Datasheet HTML 31Page - STMicroelectronics STM32H742VG Datasheet HTML 32Page - STMicroelectronics STM32H742VG Datasheet HTML 33Page - STMicroelectronics STM32H742VG Datasheet HTML 34Page - STMicroelectronics STM32H742VG Datasheet HTML 35Page - STMicroelectronics STM32H742VG Datasheet HTML 36Page - STMicroelectronics STM32H742VG Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 357 page
background image
Figure 4. STM32H743xI/G bus matrix
MSv69514V3
DMA2
Ethernet
MAC
SDMMC2
DMA1
USBHS1
USBHS2
APB1
SDMMC1
MDMA
DMA2D
LTDC
BDMA
APB4
Cortex-M7
I$
16KB
D$
16KB
APB3
32-bit AHB bus matrix
D2 domain
64-bit AXI bus matrix
D1 domain
32-bit AHB bus matrix
D3 domain
DTCM
128 Kbyte
ITCM
64 Kbyte
Flash A
Up to 1 Mbyte
Flash B
Up to 1 Mbyte
AXI SRAM
512 Kbyte
QSPI
FMC
SRAM1 128
Kbyte
SRAM2 128
Kbyte
SRAM3
32 Kbyte
AHB1
AHB2
AHB4
SRAM4
64 Kbyte
Backup
SRAM
4 Kbyte
AHBS
CPU
D2-to-D1 AHB
D2-to-D3 AHB
D1-to-D2 AHB
D1-to-D3 AHB
AHB3
APB2
32-bit bus
64-bit bus
Bus multiplexer
Legend
Master interface
Slave interface
AXI
AHB
APB
TCM
Note 1: The address ranges are: 0x38000000 - 0x3FFFFFFF and
Note 2:
0x60000000 - 0xDFFFFFFF
The address ranges are: 0x08000000 - 0x081FFFFF,
0x24000000 - 0x2407FFFF,
0x58000000 - 0x5FFFFFFF
0x50000000 - 0x57FFFFFF and
(1)
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com