Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H742VG Datasheet(PDF) 83 Page - STMicroelectronics

Part # STM32H742VG
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H742VG Datasheet(HTML) 83 Page - STMicroelectronics

Back Button STM32H742VG Datasheet HTML 79Page - STMicroelectronics STM32H742VG Datasheet HTML 80Page - STMicroelectronics STM32H742VG Datasheet HTML 81Page - STMicroelectronics STM32H742VG Datasheet HTML 82Page - STMicroelectronics STM32H742VG Datasheet HTML 83Page - STMicroelectronics STM32H742VG Datasheet HTML 84Page - STMicroelectronics STM32H742VG Datasheet HTML 85Page - STMicroelectronics STM32H742VG Datasheet HTML 86Page - STMicroelectronics STM32H742VG Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 357 page
background image
DS12110 Rev 10
83/357
STM32H742xI/G STM32H743xI/G
Pin descriptions
101
-
-
120
-
D8
148
170
-
VSS
S
-
-
-
-
-
-
121
-
C8
149
171
-
VDD
S
-
-
-
-
87
C6
122
B9
B11
150
172
B11
PD6
I/O
FT_h
-
SAI1_D1,
DFSDM1_CKIN4,
DFSDM1_DATIN1,
SPI3_MOSI/I2S3_SDO,
SAI1_SD_A,
USART2_RX,
SAI4_SD_A, SAI4_D1,
SDMMC2_CK,
FMC_NWAIT,
DCMI_D10, LCD_B2,
EVENTOUT
-
88
D6
123
D8
A11
151
173
C11
PD7
I/O
FT_h
-
DFSDM1_DATIN4,
SPI1_MOSI/I2S1_SDO,
DFSDM1_CKIN1,
USART2_CK,
SPDIFRX1_IN1,
SDMMC2_CMD,
FMC_NE1, EVENTOUT
-
-
-
-
-
-
-
174
D11
PJ12
I/O
FT
-
TRGOUT, LCD_G3,
LCD_B0, EVENTOUT
-
-
-
-
-
-
-
175
E10
PJ13
I/O
FT
-
LCD_B4, LCD_B1,
EVENTOUT
-
-
-
-
-
-
-
176
D10
PJ14
I/O
FT
-
LCD_B2, EVENTOUT
-
-
-
-
-
-
-
177
B10
PJ15
I/O
FT
-
LCD_B3, EVENTOUT
-
-
-
-
-
H6
-
-
-
VSS
S
-
-
-
-
--
-
A7
-
-
-
-
VDD
S
-
-
-
-
-
-
124
C8
C10
152
178
A10
PG9
I/O
FT_h
-
SPI1_MISO/I2S1_SDI,
USART6_RX,
SPDIFRX1_IN4,
QUADSPI_BK2_IO2,
SAI2_FS_B,
FMC_NE2/FMC_NCE,
DCMI_VSYNC,
EVENTOUT
-
-
-
125
A8
B10
153
179
A9
PG10
I/O
FT_h
-
HRTIM_FLT5,
SPI1_NSS/I2S1_WS,
LCD_G3, SAI2_SD_B,
FMC_NE3, DCMI_D2,
LCD_B2, EVENTOUT
-
Table 9. Pin/ball definition (continued)
Pin/ball name
Pin name
(function
after
reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com