Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H742VG Datasheet(PDF) 96 Page - STMicroelectronics

Part # STM32H742VG
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H742VG Datasheet(HTML) 96 Page - STMicroelectronics

Back Button STM32H742VG Datasheet HTML 92Page - STMicroelectronics STM32H742VG Datasheet HTML 93Page - STMicroelectronics STM32H742VG Datasheet HTML 94Page - STMicroelectronics STM32H742VG Datasheet HTML 95Page - STMicroelectronics STM32H742VG Datasheet HTML 96Page - STMicroelectronics STM32H742VG Datasheet HTML 97Page - STMicroelectronics STM32H742VG Datasheet HTML 98Page - STMicroelectronics STM32H742VG Datasheet HTML 99Page - STMicroelectronics STM32H742VG Datasheet HTML 100Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 357 page
background image
Table 16. Port G alternate functions
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
SYS
TIM1/2/16/
17/LPTIM1/
HRTIM1
SAI1/TIM3/
4/5/12/
HRTIM1
LPUART/
TIM8/
LPTIM2/3/4
/5/HRTIM1/
DFSDM1
I2C1/2/3/4/
USART1/
TIM15/
LPTIM2/
DFSDM1/
CEC
SPI1/2/3/4/
5/6/CEC
SPI2/3/SAI1
/3/I2C4/
UART4/
DFSDM1
SPI2/3/6/
USART1/2/
3/6/UART7/
SDMMC1
SPI6/SAI2/
4/UART4/5/
8/LPUART/
SDMMC1/
SPDIFRX1
SAI4/
TIM13/14/
QUADSPI/
FMC/
SDMMC2/
LCD/
SPDIFRX1
SAI2/4/TIM8/
QUADSPI/
SDMMC2/
OTG1_HS/
OTG2_FS/
LCD
I2C4/UART7
/SWPMI1/
TIM1/8/
DFSDM1/
SDMMC2/
MDIOS/ETH
TIM1/8/FMC
/SDMMC1/
MDIOS/
OTG1_FS/
LCD
TIM1/
DCMI/LCD
/COMP
UART5/
LCD
SYS
PG0
-
-
-
-
-
---
-
-
-
-
FMC_A10
-
-
EVENT
-OUT
PG1
-
-
-
-
-
---
-
-
-
-
FMC_A11
-
-
EVENT
-OUT
PG2
-
-
-
TIM8_BKIN
-
---
-
-
-
TIM8_BKIN_
COMP12
FMC_A12
-
-
EVENT
-OUT
PG3
-
-
-
TIM8_
BKIN2
-
---
-
-
-
TIM8_BKIN2
_COMP12
FMC_A13
-
-
EVENT
-OUT
PG4
-
TIM1_
BKIN2
-
-
-
---
-
-
-
TIM1_BKIN2
_COMP12
FMC_A14/
FMC_BA0
--
EVENT
-OUT
PG5
-
TIM1_ETR
-
-
-
-
-
-
-
-
-
-
FMC_A15/
FMC_BA1
--
EVENT
-OUT
PG6
-
TIM17_
BKIN
HRTIM_
CHE1
-
-
---
-
-
QUADSPI_
BK1_NCS
-
FMC_NE3
DCMI_
D12
LCD_
R7
EVENT
-OUT
PG7
-
-
HRTIM_
CHE2
--
-
SAI1_
MCLK_A
USART6_
CK
--
-
-
FMC_INT
DCMI_
D13
LCD_
CLK
EVENT
-OUT
PG8
-
-
-
TIM8_ETR
-
SPI6_NSS
-
USART6_
RTS/
USART6_
DE
SPDIFRX1
_IN3
--
ETH_PPS_
OUT
FMC_
SDCLK
-
LCD_
G7
EVENT
-OUT
PG9
-
-
-
-
-
SPI1_
MISO/I2S1
_SDI
-
USART6_
RX
SPDIFRX1
_IN4
QUADSPI_
BK2_IO2
SAI2_FS_B
-
FMC_NE2/
FMC_NCE
DCMI_
VSYNC
-
EVENT
-OUT
PG10
-
-
HRTIM_
FLT5
--
SPI1_NSS/
I2S1_WS
--
-
LCD_G3
SAI2_SD_B
-
FMC_NE3
DCMI_D2
LCD_
B2
EVENT
-OUT
PG11
-
LPTIM1_IN2
HRTIM_
EEV4
--
SPI1_SCK/
I2S1_CK
--
SPDIFRX1
_IN1
-
SDMMC2_D2
ETH_MII_
TX_EN/
ETH_RMII_
TX_EN
-
DCMI_D3
LCD_
B3
EVENT
-OUT
PG12
-
LPTIM1_IN1
HRTIM_
EEV5
--
SPI6_
MISO
USART6_
RTS/
USART6_
DE
SPDIFRX1
_IN2
LCD_B4
-
ETH_MII_
TXD1/ETH_
RMII_TXD1
FMC_NE4
-
LCD_
B1
EVENT
-OUT
PG13
TRACED0
LPTIM1_
OUT
HRTIM_
EEV10
--
SPI6_SCK
-
USART6_
CTS/
USART6_
NSS
--
-
ETH_MII_
TXD0/ETH_
RMII_TXD0
FMC_A24
-
LCD_
R0
EVENT
-OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com