Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H742VG Datasheet(PDF) 7 Page - STMicroelectronics

Part # STM32H742VG
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H742VG Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STM32H742VG Datasheet HTML 3Page - STMicroelectronics STM32H742VG Datasheet HTML 4Page - STMicroelectronics STM32H742VG Datasheet HTML 5Page - STMicroelectronics STM32H742VG Datasheet HTML 6Page - STMicroelectronics STM32H742VG Datasheet HTML 7Page - STMicroelectronics STM32H742VG Datasheet HTML 8Page - STMicroelectronics STM32H742VG Datasheet HTML 9Page - STMicroelectronics STM32H742VG Datasheet HTML 10Page - STMicroelectronics STM32H742VG Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 357 page
background image
DS12110 Rev 10
7/357
STM32H742xI/G STM32H743xI/G
Contents
7
7.3.17
FMC characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 251
7.3.18
Quad-SPI interface characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . 273
7.3.19
Delay block (DLYB) characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . 276
7.3.20
16-bit ADC characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 276
7.3.21
DAC characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 285
7.3.22
Voltage reference buffer characteristics . . . . . . . . . . . . . . . . . . . . . . . 289
7.3.23
Temperature sensor characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . 290
7.3.24
Temperature and VBAT monitoring . . . . . . . . . . . . . . . . . . . . . . . . . . . . 291
7.3.25
Voltage booster for analog switch . . . . . . . . . . . . . . . . . . . . . . . . . . . . 291
7.3.26
Comparator characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 292
7.3.27
Operational amplifier characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . 293
7.3.28
Digital filter for Sigma-Delta Modulators (DFSDM) characteristics . . . 295
7.3.29
Camera interface (DCMI) timing specifications . . . . . . . . . . . . . . . . . . 298
7.3.30
LCD-TFT controller (LTDC) characteristics . . . . . . . . . . . . . . . . . . . . . 299
7.3.31
Timer characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 301
7.3.32
Communication interfaces . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 301
8
Package information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 321
8.1
Device marking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 321
8.2
LQFP100 package information (1L) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 321
8.3
TFBGA100 package information (A08Q) . . . . . . . . . . . . . . . . . . . . . . . . 325
8.4
LQFP144 package information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 328
8.5
UFBGA169 package information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 331
8.6
LQFP176 package information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 334
8.7
LQFP208 package information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 338
8.8
UFBGA(176+25) package information . . . . . . . . . . . . . . . . . . . . . . . . . . 341
8.9
TFBGA240+25 package information . . . . . . . . . . . . . . . . . . . . . . . . . . . 343
8.10
Thermal characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 345
8.10.1
Reference documents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 347
9
Ordering information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 348
10
Important security notice . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 349
11
Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 350



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com