Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H742VG Datasheet(PDF) 75 Page - STMicroelectronics

Part # STM32H742VG
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H742VG Datasheet(HTML) 75 Page - STMicroelectronics

Back Button STM32H742VG Datasheet HTML 71Page - STMicroelectronics STM32H742VG Datasheet HTML 72Page - STMicroelectronics STM32H742VG Datasheet HTML 73Page - STMicroelectronics STM32H742VG Datasheet HTML 74Page - STMicroelectronics STM32H742VG Datasheet HTML 75Page - STMicroelectronics STM32H742VG Datasheet HTML 76Page - STMicroelectronics STM32H742VG Datasheet HTML 77Page - STMicroelectronics STM32H742VG Datasheet HTML 78Page - STMicroelectronics STM32H742VG Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 357 page
background image
DS12110 Rev 10
75/357
STM32H742xI/G STM32H743xI/G
Pin descriptions
101
53
H10
75
N13
R14
94
106
U15
PB14
I/O
FT_u
-
TIM1_CH2N,
TIM12_CH1,
TIM8_CH2N,
USART1_TX,
SPI2_MISO/I2S2_SDI,
DFSDM1_DATIN2,
USART3_RTS/
USART3_DE,
UART4_RTS/UART4_DE
, SDMMC2_D0,
OTG_HS_DM,
EVENTOUT
-
54
G10
76
M13
R15
95
107
T15
PB15
I/O
FT_u
-
RTC_REFIN,
TIM1_CH3N,
TIM12_CH2,
TIM8_CH3N,
USART1_RX,
SPI2_MOSI/I2S2_SDO,
DFSDM1_CKIN2,
UART4_CTS,
SDMMC2_D1,
OTG_HS_DP,
EVENTOUT
-
55
K9
77
M12
P15
96
108
U16
PD8
I/O
FT_h
-
DFSDM1_CKIN3,
SAI3_SCK_B,
USART3_TX,
SPDIFRX1_IN2,
FMC_D13/FMC_DA13,
EVENTOUT
-
56
J9
78
K11
P14
97
109
T17
PD9
I/O
FT_h
-
DFSDM1_DATIN3,
SAI3_SD_B,
USART3_RX,
FMC_D14/FMC_DA14,
EVENTOUT
-
57
H9
79
K12
N15
98
110
T16
PD10
I/O
FT_h
-
DFSDM1_CKOUT,
SAI3_FS_B,
USART3_CK,
FMC_D15/FMC_DA15,
LCD_B3, EVENTOUT
-
-
-
-
N7
-
-
-
N12
VDD
S
-
-
-
-
-
-
-
-
F9
-
-
U17
VSS
S
-
-
-
-
Table 9. Pin/ball definition (continued)
Pin/ball name
Pin name
(function
after
reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com