Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H742VG Datasheet(PDF) 82 Page - STMicroelectronics

Part # STM32H742VG
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H742VG Datasheet(HTML) 82 Page - STMicroelectronics

Back Button STM32H742VG Datasheet HTML 78Page - STMicroelectronics STM32H742VG Datasheet HTML 79Page - STMicroelectronics STM32H742VG Datasheet HTML 80Page - STMicroelectronics STM32H742VG Datasheet HTML 81Page - STMicroelectronics STM32H742VG Datasheet HTML 82Page - STMicroelectronics STM32H742VG Datasheet HTML 83Page - STMicroelectronics STM32H742VG Datasheet HTML 84Page - STMicroelectronics STM32H742VG Datasheet HTML 85Page - STMicroelectronics STM32H742VG Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 357 page
background image
Pin descriptions
STM32H742xI/G STM32H743xI/G
82/357
DS12110 Rev 10
79
B8
112
B11
B13
140
162
B13
PC11
I/O
FT_h
-
HRTIM_FLT2,
DFSDM1_DATIN5,
SPI3_MISO/I2S3_SDI,
USART3_RX,
UART4_RX,
QUADSPI_BK2_NCS,
SDMMC1_D3, DCMI_D4,
EVENTOUT
-
80
C8
113
A11
A12
141
163
C12
PC12
I/O
FT_h
-
TRACED3,
HRTIM_EEV2,
SPI3_MOSI/I2S3_SDO,
USART3_CK,
UART5_TX,
SDMMC1_CK, DCMI_D9,
EVENTOUT
-
-
-
-
-
G10
-
-
-
VSS
S
-
-
-
-
81
D8
114
D10
B12
142
164
D13
PD0
I/O
FT_h
-
DFSDM1_CKIN6,
SAI3_SCK_A,
UART4_RX,
FDCAN1_RX,
FMC_D2/FMC_DA2,
EVENTOUT
-
82
E8
115
C10
C12
143
165
E12
PD1
I/O
FT_h
-
DFSDM1_DATIN6,
SAI3_SD_A, UART4_TX,
FDCAN1_TX,
FMC_D3/FMC_DA3,
EVENTOUT
-
83
B7
116
E9
D12
144
166
D12
PD2
I/O
FT_h
-
TRACED2, TIM3_ETR,
UART5_RX,
SDMMC1_CMD,
DCMI_D11, EVENTOUT
-
84
C7
117
D9
D11
145
167
B12
PD3
I/O
FT_h
-
DFSDM1_CKOUT,
SPI2_SCK/I2S2_CK,
USART2_CTS/USART2_
NSS, FMC_CLK,
DCMI_D5, LCD_G7,
EVENTOUT
-
85
D7
118
C9
D10
146
168
A12
PD4
I/O
FT_h
-
HRTIM_FLT3,
SAI3_FS_A,
USART2_RTS/USART2_
DE, FMC_NOE,
EVENTOUT
-
86
B6
119
A9
C11
147
169
A11
PD5
I/O
FT_h
-
HRTIM_EEV3,
USART2_TX,
FMC_NWE, EVENTOUT
-
Table 9. Pin/ball definition (continued)
Pin/ball name
Pin name
(function
after
reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com