Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H742VG Datasheet(PDF) 99 Page - STMicroelectronics

Part # STM32H742VG
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H742VG Datasheet(HTML) 99 Page - STMicroelectronics

Back Button STM32H742VG Datasheet HTML 95Page - STMicroelectronics STM32H742VG Datasheet HTML 96Page - STMicroelectronics STM32H742VG Datasheet HTML 97Page - STMicroelectronics STM32H742VG Datasheet HTML 98Page - STMicroelectronics STM32H742VG Datasheet HTML 99Page - STMicroelectronics STM32H742VG Datasheet HTML 100Page - STMicroelectronics STM32H742VG Datasheet HTML 101Page - STMicroelectronics STM32H742VG Datasheet HTML 102Page - STMicroelectronics STM32H742VG Datasheet HTML 103Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 357 page
background image
Table 18. Port I alternate functions
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
SYS
TIM1/2/16/
17/LPTIM1/
HRTIM1
SAI1/TIM3/
4/5/12/
HRTIM1
LPUART/
TIM8/
LPTIM2/3/4
/5/HRTIM1/
DFSDM1
I2C1/2/3/4/
USART1/
TIM15/
LPTIM2/
DFSDM1/
CEC
SPI1/2/3/4/
5/6/CEC
SPI2/3/SAI1
/3/I2C4/
UART4/
DFSDM1
SPI2/3/6/
USART1/2/
3/6/UART7/
SDMMC1
SPI6/SAI2/
4/UART4/5/
8/LPUART/
SDMMC1/
SPDIFRX1
SAI4/
FDCAN1/2/
TIM13/14/
QUADSPI/
FMC/
SDMMC2/
LCD/
SPDIFRX1
SAI2/4/
TIM8/
QUADSPI/
SDMMC2/
OTG1_HS/
OTG2_FS/
LCD
I2C4/
UART7/
SWPMI1/
TIM1/8/
DFSDM1/
SDMMC2/
MDIOS/
ETH
TIM1/8/FMC
/SDMMC1/
MDIOS/
OTG1_FS/
LCD
TIM1/DCMI
/LCD/
COMP
UART5/
LCD
SYS
PI0
-
-
TIM5_CH4
-
-
SPI2_NSS/
I2S2_WS
-
---
-
-
FMC_D24
DCMI_D13
LCD_G5
EVENT-
OUT
PI1
---
TIM8_
BKIN2
-
SPI2_SCK/
I2S2_CK
-
---
-
TIM8_BKIN
2_COMP12
FMC_D25
DCMI_D8
LCD_G6
EVENT-
OUT
PI2
---
TIM8_CH4
-
SPI2_
MISO/I2S2
_SDI
-
---
-
-
FMC_D26
DCMI_D9
LCD_G7
EVENT-
OUT
PI3
---
TIM8_ETR
-
SPI2_
MOSI/I2S2
_SDO
-
---
-
-
FMC_D27
DCMI_D10
-
EVENT-
OUT
PI4
---
TIM8_BKIN
-
-
-
-
-
-
SAI2_
MCLK_A
TIM8_BKIN
_COMP12
FMC_NBL2
DCMI_D5
LCD_B4
EVENT-
OUT
PI5
---
TIM8_CH1
-
-
-
-
-
-
SAI2_SCK_
A
-
FMC_NBL3
DCMI_
VSYNC
LCD_B5
EVENT-
OUT
PI6
---
TIM8_CH2
-
-
-
-
-
-
SAI2_SD_A
-
FMC_D28
DCMI_D6
LCD_B6
EVENT-
OUT
PI7
---
TIM8_CH3
-
-
-
-
-
-
SAI2_FS_A
-
FMC_D29
DCMI_D7
LCD_B7
EVENT-
OUT
PI8
---
-
-
-
-
-
-
-
--
-
-
-
EVENT-
OUT
PI9
---
-
-
-
-
-
UART4_RX
FDCAN1_
RX
--
FMC_D30
-
LCD_
VSYNC
EVENT-
OUT
PI10
---
-
-
-
-
-
-
-
-
ETH_MII_
RX_ER
FMC_D31
-
LCD_
HSYNC
EVENT-
OUT
PI11
---
-
-
-
-
-
-
LCD_G6
OTG_HS_
ULPI_DIR
--
-
-
EVENT-
OUT
PI12
---
-
-
-
-
-
-
-
-
--
-
LCD_
HSYNC
EVENT-
OUT
PI13
---
-
-
-
-
-
-
-
--
-
-
LCD_
VSYNC
EVENT-
OUT
PI14
---
-
-
-
-
-
-
-
--
-
-
LCD_CLK
EVENT-
OUT
PI15
---
-
-
-
-
-
-
LCD_G2
--
-
-
LCD_R0
EVENT-
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com