Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H742VG Datasheet(PDF) 84 Page - STMicroelectronics

Part # STM32H742VG
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H742VG Datasheet(HTML) 84 Page - STMicroelectronics

Back Button STM32H742VG Datasheet HTML 80Page - STMicroelectronics STM32H742VG Datasheet HTML 81Page - STMicroelectronics STM32H742VG Datasheet HTML 82Page - STMicroelectronics STM32H742VG Datasheet HTML 83Page - STMicroelectronics STM32H742VG Datasheet HTML 84Page - STMicroelectronics STM32H742VG Datasheet HTML 85Page - STMicroelectronics STM32H742VG Datasheet HTML 86Page - STMicroelectronics STM32H742VG Datasheet HTML 87Page - STMicroelectronics STM32H742VG Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 357 page
background image
Pin descriptions
STM32H742xI/G STM32H743xI/G
84/357
DS12110 Rev 10
-
-
126
B8
B9
154
180
B9
PG11
I/O
FT_h
-
LPTIM1_IN2,
HRTIM_EEV4,
SPI1_SCK/I2S1_CK,
SPDIFRX1_IN1,
SDMMC2_D2,
ETH_MII_TX_EN/ETH_R
MII_TX_EN, DCMI_D3,
LCD_B3, EVENTOUT
-
-
-
127
E8
B8
155
181
C9
PG12
I/O
FT_h
-
LPTIM1_IN1,
HRTIM_EEV5,
SPI6_MISO,
USART6_RTS/USART6_
DE, SPDIFRX1_IN2,
LCD_B4,
ETH_MII_TXD1/ETH_RM
II_TXD1, FMC_NE4,
LCD_B1, EVENTOUT
-
-
-
128
D7
A8
156
182
D9
PG13
I/O
FT_h
-
TRACED0,
LPTIM1_OUT,
HRTIM_EEV10,
SPI6_SCK,
USART6_CTS/USART6_
NSS,
ETH_MII_TXD0/ETH_RM
II_TXD0, FMC_A24,
LCD_R0, EVENTOUT
-
-
-
129
C7
A7
157
183
D8
PG14
I/O
FT_h
-
TRACED1,
LPTIM1_ETR,
SPI6_MOSI,
USART6_TX,
QUADSPI_BK2_IO3,
ETH_MII_TXD1/ETH_RM
II_TXD1, FMC_A25,
LCD_B0, EVENTOUT
-
-
-
130
-
D7
158
184
-
VSS
S
-
-
-
-
-
-
131
-
C7
159
185
-
VDD
S
-
-
-
-
-
-
-
-
-
-
186
C8
PK3
I/O
FT
-
LCD_B4, EVENTOUT
-
-
-
-
-
-
-
187
B8
PK4
I/O
FT
-
LCD_B5, EVENTOUT
-
-
-
-
-
-
-
188
A8
PK5
I/O
FT
-
LCD_B6, EVENTOUT
-
-
-
-
-
-
-
189
C7
PK6
I/O
FT
-
LCD_B7, EVENTOUT
-
-
-
-
-
-
-
190
D7
PK7
I/O
FT
-
LCD_DE, EVENTOUT
-
-
-
-
-
H7
-
-
-
VSS
S
-
-
-
-
Table 9. Pin/ball definition (continued)
Pin/ball name
Pin name
(function
after
reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com