Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H742VG Datasheet(PDF) 137 Page - STMicroelectronics

Part # STM32H742VG
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H742VG Datasheet(HTML) 137 Page - STMicroelectronics

Back Button STM32H742VG Datasheet HTML 133Page - STMicroelectronics STM32H742VG Datasheet HTML 134Page - STMicroelectronics STM32H742VG Datasheet HTML 135Page - STMicroelectronics STM32H742VG Datasheet HTML 136Page - STMicroelectronics STM32H742VG Datasheet HTML 137Page - STMicroelectronics STM32H742VG Datasheet HTML 138Page - STMicroelectronics STM32H742VG Datasheet HTML 139Page - STMicroelectronics STM32H742VG Datasheet HTML 140Page - STMicroelectronics STM32H742VG Datasheet HTML 141Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 357 page
background image
DS12110 Rev 10
137/357
STM32H742xI/G STM32H743xI/G
Electrical characteristics (rev Y)
320
of –5 µA/+0 µA range), or other functional failure (for example reset, oscillator frequency
deviation).
The following tables are the compilation of the SIC1/SIC2 and functional ESD results.
Negative induced A negative induced leakage current is caused by negative injection and
positive induced leakage current by positive injection.
6.3.15
I/O port characteristics
General input/output characteristics
Unless otherwise specified, the parameters given in Table 60: I/O static characteristics are
derived from tests performed under the conditions summarized in Table 24: General
operating conditions. All I/Os are CMOS and TTL compliant (except for BOOT0).
For information on GPIO configuration, refer to the application note AN4899 “STM32 GPIO
configuration for hardware settings and low-power consumption” available from the ST
website www.st.com.
Table 59. I/O current injection susceptibility(1)
Symbol
Description
Functional susceptibility
Unit
Negative
injection
Positive
injection
IINJ
PA7, PC5, PG1, PB14, PJ7, PA11, PA12, PA13, PA14, PA15,
PJ12, PB4
50
mA
PA2, PH2, PH3, PE8, PA6, PA7, PC4, PE7, PE10, PE11
0
NA
PA0, PA_C, PA1, PA1_C, PC2, PC2_C, PC3, PC3_C, PA4,
PA5, PH4, PH5, BOOT0
00
All other I/Os
5
NA
1. Guaranteed by characterization
.
Table 60. I/O static characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VIL
I/O input low level voltage except
BOOT0
1.62 V<VDDIOx<3.6 V
-
-
0.3VDD(1)
V
I/O input low level voltage except
BOOT0
--
0.4VDD−
0.1(2)
BOOT0 I/O input low level voltage
-
-
0.19VDD+
0.1(2)
VIH
I/O input high level voltage except
BOOT0
1.62 V<VDDIOx<3.6 V
0.7VDD(1)
--
V
I/O input high level voltage except
BOOT0(3)
0.47VDD+
0.25(2)
--
BOOT0 I/O input high level
voltage(3)
0.17VDD+
0.6(2)
--



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com