Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H742VG Datasheet(PDF) 142 Page - STMicroelectronics

Part # STM32H742VG
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H742VG Datasheet(HTML) 142 Page - STMicroelectronics

Back Button STM32H742VG Datasheet HTML 138Page - STMicroelectronics STM32H742VG Datasheet HTML 139Page - STMicroelectronics STM32H742VG Datasheet HTML 140Page - STMicroelectronics STM32H742VG Datasheet HTML 141Page - STMicroelectronics STM32H742VG Datasheet HTML 142Page - STMicroelectronics STM32H742VG Datasheet HTML 143Page - STMicroelectronics STM32H742VG Datasheet HTML 144Page - STMicroelectronics STM32H742VG Datasheet HTML 145Page - STMicroelectronics STM32H742VG Datasheet HTML 146Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 357 page
background image
Electrical characteristics (rev Y)
STM32H742xI/G STM32H743xI/G
142/357
DS12110 Rev 10
Output buffer timing characteristics (HSLV option disabled)
The HSLV bit of SYSCFG_CCCSR register can be used to optimize the I/O speed when the
product voltage is below 2.5 V.
Table 63. Output timing characteristics (HSLV OFF)(1)(2)
Speed
Symbol
Parameter
conditions
Min
Max
Unit
00
Fmax(3)
Maximum frequency
C=50 pF, 2.7 V≤ VDD≤3.6 V
-
12
MHz
C=50 pF, 1.62 V≤VDD≤2.7 V
-
3
C=30 pF, 2.7 V≤VDD≤3.6 V
-
12
C=30 pF, 1.62 V≤VDD≤2.7 V
-
3
C=10 pF, 2.7 V≤VDD≤3.6 V
-
16
C=10 pF, 1.62 V≤VDD≤2.7 V
-
4
tr/tf(4)
Output high to low level
fall time and output low
to high level rise time
C=50 pF, 2.7 V≤ VDD≤3.6 V
-
16.6
ns
C=50 pF, 1.62 V≤VDD≤2.7 V
-
33.3
C=30 pF, 2.7 V≤VDD≤3.6 V
-
13.3
C=30 pF, 1.62 V≤VDD≤2.7 V
-
25
C=10 pF, 2.7 V≤VDD≤3.6 V
-
10
C=10 pF, 1.62 V≤VDD≤2.7 V
-
20
01
Fmax(3)
Maximum frequency
C=50 pF, 2.7 V≤ VDD≤3.6 V
-
60
MHz
C=50 pF, 1.62 V≤VDD≤2.7 V
-
15
C=30 pF, 2.7 V≤VDD≤3.6 V
-
80
C=30 pF, 1.62 V≤VDD≤2.7 V
-
15
C=10 pF, 2.7 V≤VDD≤3.6 V
-
110
C=10 pF, 1.62 V≤VDD≤2.7 V
-
20
tr/tf(4)
Output high to low level
fall time and output low
to high level rise time
C=50 pF, 2.7 V≤ VDD≤3.6 V
-
5.2
ns
C=50 pF, 1.62 V≤VDD≤2.7 V
-
10
C=30 pF, 2.7 V≤VDD≤3.6 V
-
4.2
C=30 pF, 1.62 V≤VDD≤2.7 V
-
7.5
C=10 pF, 2.7 V≤VDD≤3.6 V
-
2.8
C=10 pF, 1.62 V≤VDD≤2.7 V
-
5.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com