Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H742VG Datasheet(PDF) 153 Page - STMicroelectronics

Part # STM32H742VG
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H742VG Datasheet(HTML) 153 Page - STMicroelectronics

Back Button STM32H742VG Datasheet HTML 149Page - STMicroelectronics STM32H742VG Datasheet HTML 150Page - STMicroelectronics STM32H742VG Datasheet HTML 151Page - STMicroelectronics STM32H742VG Datasheet HTML 152Page - STMicroelectronics STM32H742VG Datasheet HTML 153Page - STMicroelectronics STM32H742VG Datasheet HTML 154Page - STMicroelectronics STM32H742VG Datasheet HTML 155Page - STMicroelectronics STM32H742VG Datasheet HTML 156Page - STMicroelectronics STM32H742VG Datasheet HTML 157Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 357 page
background image
DS12110 Rev 10
153/357
STM32H742xI/G STM32H743xI/G
Electrical characteristics (rev Y)
320
Synchronous waveforms and timings
Figure 28 through Figure 31 represent synchronous waveforms and Table 74 through
Table 77 provide the corresponding timings. The results shown in these tables are obtained
with the following FMC configuration:
•
BurstAccessMode = FMC_BurstAccessMode_Enable
•
MemoryType = FMC_MemoryType_CRAM
•
WriteBurst = FMC_WriteBurst_Enable
•
CLKDivision = 1
•
DataLatency = 1 for NOR flash; DataLatency = 0 for PSRAM
In all the timing tables, the Tfmc_ker_ck is the fmc_ker_ck clock period, with the following
FMC_CLK maximum values:
•
For 2.7 V<VDD<3.6 V, FMC_CLK =100 MHz at 20 pF
•
For 1.8 V<VDD<1.9 V, FMC_CLK =100 MHz at 20 pF
•
For 1.62 V<VDD<1.8 V, FMC_CLK =100 MHz at 15 pF
Table 73. Asynchronous multiplexed PSRAM/NOR write-NWAIT timings(1)
Symbol
Parameter
Min
Max
Unit
tw(NE)
FMC_NE low time
9Tfmc_ker_ck – 1
9Tfmc_ker_ck
ns
tw(NWE)
FMC_NWE low time
7Tfmc_ker_ck – 0.5 7Tfmc_ker_ck + 0.5
tsu(NWAIT_NE)
FMC_NWAIT valid before FMC_NEx high
6Tfmc_ker_ck + 3
-
th(NE_NWAIT)
FMC_NEx hold time after FMC_NWAIT invalid
4Tfmc_ker_ck
-
1. Guaranteed by characterization results.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com