Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H742VG Datasheet(PDF) 176 Page - STMicroelectronics

Part # STM32H742VG
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H742VG Datasheet(HTML) 176 Page - STMicroelectronics

Back Button STM32H742VG Datasheet HTML 172Page - STMicroelectronics STM32H742VG Datasheet HTML 173Page - STMicroelectronics STM32H742VG Datasheet HTML 174Page - STMicroelectronics STM32H742VG Datasheet HTML 175Page - STMicroelectronics STM32H742VG Datasheet HTML 176Page - STMicroelectronics STM32H742VG Datasheet HTML 177Page - STMicroelectronics STM32H742VG Datasheet HTML 178Page - STMicroelectronics STM32H742VG Datasheet HTML 179Page - STMicroelectronics STM32H742VG Datasheet HTML 180Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 357 page
background image
Electrical characteristics (rev Y)
STM32H742xI/G STM32H743xI/G
176/357
DS12110 Rev 10
Figure 44. 12-bit buffered /non-buffered DAC
1. The DAC integrates an output buffer that can be used to reduce the output impedance and to drive external loads directly
without the use of an external operational amplifier. The buffer can be bypassed by configuring the BOFFx bit in the
DAC_CR register.
6.3.22
Voltage reference buffer characteristics
R L
C L
Buffered/Non-buffered DAC
DAC_OUTx
Buffer(1)
12-bit
digital to
analog
converter
ai17157V3
Table 91. VREFBUF characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDDA
Analog supply voltage
Normal mode
VSCALE = 000
2.8
3.3
3.6
V
VSCALE = 001
2.4
-
3.6
VSCALE = 010
2.1
-
3.6
VSCALE = 011
1.8
-
3.6
Degraded mode
VSCALE = 000
1.62
-
2.80
VSCALE = 001
1.62
-
2.40
VSCALE = 010
1.62
-
2.10
VSCALE = 011
1.62
-
1.80
VREFBUF
_OUT
Voltage Reference
Buffer Output
Normal mode
VSCALE = 000
-
2.5
-
VSCALE = 001
-
2.048
-
VSCALE = 010
-
1.8
-
VSCALE = 011
-
1.5
-
Degraded mode(2)
VSCALE = 000
VDDA−
150 mV
-VDDA
VSCALE = 001
VDDA−
150 mV
-VDDA
VSCALE = 010
VDDA−
150 mV
-VDDA
VSCALE = 011
VDDA−
150 mV
-VDDA
TRIM
Trim step resolution
-
-
-
±0.05
±0.2
%
CL
Load capacitor
-
-
0.5
1
1.50
uF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com