Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H742VG Datasheet(PDF) 200 Page - STMicroelectronics

Part # STM32H742VG
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H742VG Datasheet(HTML) 200 Page - STMicroelectronics

Back Button STM32H742VG Datasheet HTML 196Page - STMicroelectronics STM32H742VG Datasheet HTML 197Page - STMicroelectronics STM32H742VG Datasheet HTML 198Page - STMicroelectronics STM32H742VG Datasheet HTML 199Page - STMicroelectronics STM32H742VG Datasheet HTML 200Page - STMicroelectronics STM32H742VG Datasheet HTML 201Page - STMicroelectronics STM32H742VG Datasheet HTML 202Page - STMicroelectronics STM32H742VG Datasheet HTML 203Page - STMicroelectronics STM32H742VG Datasheet HTML 204Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 357 page
background image
Electrical characteristics (rev Y)
STM32H742xI/G STM32H743xI/G
200/357
DS12110 Rev 10
CMD, D inputs (referenced to CK) in SD default mode
tISUD
Input setup time SD
fPP =25 MHz
3-
-
ns
tIHD
Input hold time SD
0.5
-
-
CMD, D outputs (referenced to CK) in SD default mode
tOVD
Output valid default time SD
fPP =25 MHz
-1
2
ns
tOHD
Output hold default time SD
0-
-
1. Guaranteed by characterization results.
2. Above 100 MHz, CL = 20 pF.
3. The minimum window of time where the data needs to be stable for proper sampling in tuning mode.
Table 110. Dynamic characteristics: SD / MMC characteristics, VDD = 2.7 to 3.6 V(1)(2)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 111. Dynamic characteristics: eMMC characteristics, VDD = 1.71 to 1.9 V(1)(2)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fPP
Clock frequency in data transfer mode
-
0
-
120
MHz
tW(CKL)
Clock low time
fPP =50 MHz
9.5
10.5
-
ns
tW(CKH)
Clock high time
8.5
9.5
-
CMD, D inputs (referenced to CK) in eMMC mode
tISU
Input setup time HS
fPP ≥ 50 MHz
2.5
-
-
ns
tIH
Input hold time HS
1
-
-
tIDW(3)
Input valid window (variable window)
3.5
-
-
CMD, D outputs (referenced to CK) in eMMC mode
tOV
Output valid time HS
fPP ≥ 50 MHz
-5
7
ns
tOH
Output hold time HS
3
-
-
1. Guaranteed by characterization results.
2. CL = 20 pF.
3. The minimum window of time where the data needs to be stable for proper sampling in tuning mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com