Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H742VG Datasheet(PDF) 212 Page - STMicroelectronics

Part # STM32H742VG
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H742VG Datasheet(HTML) 212 Page - STMicroelectronics

Back Button STM32H742VG Datasheet HTML 208Page - STMicroelectronics STM32H742VG Datasheet HTML 209Page - STMicroelectronics STM32H742VG Datasheet HTML 210Page - STMicroelectronics STM32H742VG Datasheet HTML 211Page - STMicroelectronics STM32H742VG Datasheet HTML 212Page - STMicroelectronics STM32H742VG Datasheet HTML 213Page - STMicroelectronics STM32H742VG Datasheet HTML 214Page - STMicroelectronics STM32H742VG Datasheet HTML 215Page - STMicroelectronics STM32H742VG Datasheet HTML 216Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 357 page
background image
Electrical characteristics (rev V)
STM32H742xI/G STM32H743xI/G
212/357
DS12110 Rev 10
7.3
Operating conditions
7.3.1
General operating conditions
Table 122. General operating conditions
Symbol
Parameter
Operating
conditions
Min
Typ
Max
Unit
VDD
Standard operating voltage
-
1.62(1)
-
3.6
V
VDDLDO
Supply voltage for the internal
regulator
VDDLDO ≤ VDD
1.62(1)
-3.6
VDD33USB
Standard operating voltage, USB
domain
USB used
3.0
-
3.6
V
USB not used
0
-
3.6
VDDA
Analog operating voltage
ADC or COMP used
1.62
-
3.6
DAC used
1.8
-
OPAMP used
2.0
-
VREFBUF used
1.8
-
ADC, DAC, OPAMP,
COMP, VREFBUF not
used
0-
VIN
I/O Input voltage
TT_xx I/O
−0.3
-
VDD+0.3
BOOT0
0
-
9
All I/O except BOOT0
and TT_xx
−0.3
-
Min(VDD, VDDA,
VDD33USB)
+3.6V <
5.5V(2)(3)
VCORE
Internal regulator ON (LDO)
VOS3 (max frequency
200 MHz)
0.95
1.0
1.05
V
VOS2 (max frequency
300 MHz)
1.05
1.10
1.15
VOS1 (max frequency
400 MHz)
1.15
1.20
1.26
VOS0(4) (max
frequency 480 MHz(5))
1.26
1.35
1.40
Regulator OFF: external VCORE
voltage must be supplied from external
regulator on two VCAP pins
VOS3 (max frequency
200 MHz)
0.98
1.03
1.08
VOS2 (max frequency
300 MHz)
1.08
1.13
1.17
VOS1 (max frequency
400 MHz)
1.17
1.23
1.37
VOS0 (max frequency
480 MHz(5))
1.37
1.38
1.40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com