Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H742VG Datasheet(PDF) 222 Page - STMicroelectronics

Part # STM32H742VG
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H742VG Datasheet(HTML) 222 Page - STMicroelectronics

Back Button STM32H742VG Datasheet HTML 218Page - STMicroelectronics STM32H742VG Datasheet HTML 219Page - STMicroelectronics STM32H742VG Datasheet HTML 220Page - STMicroelectronics STM32H742VG Datasheet HTML 221Page - STMicroelectronics STM32H742VG Datasheet HTML 222Page - STMicroelectronics STM32H742VG Datasheet HTML 223Page - STMicroelectronics STM32H742VG Datasheet HTML 224Page - STMicroelectronics STM32H742VG Datasheet HTML 225Page - STMicroelectronics STM32H742VG Datasheet HTML 226Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 357 page
background image
Electrical characteristics (rev V)
STM32H742xI/G STM32H743xI/G
222/357
DS12110 Rev 10
I/O system current consumption
The current consumption of the I/O system has two components: static and dynamic.
I/O static current consumption
All the I/Os used as inputs with pull-up or pull-down generate a current consumption when
the pin is externally held low. The value of this current consumption can be simply computed
by using the pull-up/pull-down resistors values given in Table 157: I/O static characteristics.
For the output pins, any internal or external pull-up or pull-down, and any external load must
also be considered to estimate the current consumption.
An additional I/O current consumption is due to I/Os configured as inputs if an intermediate
voltage level is externally applied. This current consumption is caused by the input Schmitt
trigger circuits used to discriminate the input value. Unless this specific configuration is
required by the application, this supply current consumption can be avoided by configuring
these I/Os in analog mode. This is notably the case of ADC input pins which should be
configured as analog inputs.
Caution:
Any floating input pin can also settle to an intermediate voltage level or switch inadvertently,
as a result of external electromagnetic noise. To avoid a current consumption related to
floating pins, they must either be configured in analog mode, or forced internally to a definite
digital value. This can be done either by using pull-up/down resistors or by configuring the
pins in output mode.
Table 136. Typical and maximum current consumption in VBAT mode
Symbol
Parameter
Conditions
Typ
Max(1)
Unit
Backup
SRAM
RTC
and
LSE
1.2 V
2 V
3 V
3.4 V
3 V
Tj=25
°C
Tj=85
°C
Tj=105
°C
Tj=125
°C
IDD
(VBAT)
Supply
current in
VBAT mode
OFF
OFF
0,02
0,02
0,03
0,05
0,5
4,1
10
24
µA
ON
OFF
1,33
1,45
1,58
1,7
4,4
22
48
87
OFF
ON
0,46
0,57
0,75
0,87
-
-
-
-
ON
ON
1,77
2
2,3
2,5
-
-
-
-
1. Guaranteed by characterization results, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com