Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H742VG Datasheet(PDF) 229 Page - STMicroelectronics

Part # STM32H742VG
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H742VG Datasheet(HTML) 229 Page - STMicroelectronics

Back Button STM32H742VG Datasheet HTML 225Page - STMicroelectronics STM32H742VG Datasheet HTML 226Page - STMicroelectronics STM32H742VG Datasheet HTML 227Page - STMicroelectronics STM32H742VG Datasheet HTML 228Page - STMicroelectronics STM32H742VG Datasheet HTML 229Page - STMicroelectronics STM32H742VG Datasheet HTML 230Page - STMicroelectronics STM32H742VG Datasheet HTML 231Page - STMicroelectronics STM32H742VG Datasheet HTML 232Page - STMicroelectronics STM32H742VG Datasheet HTML 233Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 357 page
background image
DS12110 Rev 10
229/357
STM32H742xI/G STM32H743xI/G
Electrical characteristics (rev V)
320
7.3.7
Wakeup time from low-power modes
The wakeup times given in Table 138 are measured starting from the wakeup event trigger
up to the first instruction executed by the CPU:
•
For Stop or Sleep modes: the wakeup event is WFE.
•
WKUP (PC1) pin is used to wakeup from Standby, Stop and Sleep modes.
All timings are derived from tests performed under ambient temperature and VDD=3.3 V.
Table 138. Low-power mode wakeup timings
Symbol
Parameter
Conditions
Typ(1)
Max(1)
Unit
tWUSLEEP(2)
Wakeup from Sleep
-
9
10
CPU
clock
cycles
tWUSTOP(2)
Wakeup from Stop
VOS3, HSI, flash memory in normal mode
4.4
5.6
µs
VOS3, HSI, flash memory in low-power
mode
12
15
VOS4, HSI, flash memory in normal mode
15
20
VOS4, HSI, flash memory in low-power
mode
23
28
VOS5, HSI, flash memory in normal mode
39
71
VOS5, HSI, flash memory in low-power
mode
39
47
VOS3, CSI, flash memory in normal mode
30
37
VOS3, CSI, flash memory in low power
mode
36
50
VOS4, CSI, flash memory in normal mode
38
48
VOS4, CSI, flash memory in low-power
mode
47
61
VOS5, CSI, flash memory in normal mode
68
75
VOS5, CSI, flash memory in low-power
mode
68
77
tWUSTOP_
KERON
(2)
Wakeup from Stop,
clock kept running
VOS3, HSI, flash memory in normal mode
2.6
3.4
VOS3, CSI, flash memory in normal mode
26
36
tWUSTDBY(2)
Wakeup from Standby
mode
-
390
500
1. Guaranteed by characterization results.
2. The wakeup times are measured from the wakeup event to the point in which the application code reads the first instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com