Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H742VG Datasheet(PDF) 244 Page - STMicroelectronics

Part # STM32H742VG
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H742VG Datasheet(HTML) 244 Page - STMicroelectronics

Back Button STM32H742VG Datasheet HTML 240Page - STMicroelectronics STM32H742VG Datasheet HTML 241Page - STMicroelectronics STM32H742VG Datasheet HTML 242Page - STMicroelectronics STM32H742VG Datasheet HTML 243Page - STMicroelectronics STM32H742VG Datasheet HTML 244Page - STMicroelectronics STM32H742VG Datasheet HTML 245Page - STMicroelectronics STM32H742VG Datasheet HTML 246Page - STMicroelectronics STM32H742VG Datasheet HTML 247Page - STMicroelectronics STM32H742VG Datasheet HTML 248Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 244 / 357 page
background image
Electrical characteristics (rev V)
STM32H742xI/G STM32H743xI/G
244/357
DS12110 Rev 10
7.3.15
I/O port characteristics
General input/output characteristics
Unless otherwise specified, the parameters given in Table 157: I/O static characteristics are
derived from tests performed under the conditions summarized in Table 122: General
operating conditions. All I/Os are CMOS and TTL compliant (except for BOOT0).
For information on GPIO configuration, refer to the application note AN4899 “STM32 GPIO
configuration for hardware settings and low-power consumption” available from the ST
website www.st.com.
Table 157. I/O static characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VIL
I/O input low level voltage except
BOOT0
1.62 V<VDDIOx<3.6 V
-
-
0.3VDD(1)
V
I/O input low level voltage except
BOOT0
--
0.4VDD−0.
1(2)
BOOT0 I/O input low level voltage
-
-
0.19VDD+
0.1(2)
VIH
I/O input high level voltage except
BOOT0
1.62 V<VDDIOx<3.6 V
0.7VDD(1)
--
V
I/O input high level voltage except
BOOT0(3)
0.47VDD+0.
25(2)
--
BOOT0 I/O input high level
voltage(3)
0.17VDD+0.
6(2)
--
VHYS(2)
TT_xx, FT_xxx and NRST I/O
input hysteresis
1.62 V< VDDIOx <3.6 V
-
250
-
mV
BOOT0 I/O input hysteresis
-
200
-
Ilkg(4)
FT_xx Input leakage current(2)
0< VIN ≤ Max(VDDXXX)(9)
--
+/-250
nA
Max(VDDXXX) < VIN ≤ 5.5 V
(5)(6)(9)
-
-
1500
FT_u IO
0< VIN ≤ Max(VDDXXX)(9)
--
+/- 350
Max(VDDXXX) < VIN ≤ 5.5 V
(5)(6)(9)
-
-
5000(7)
TT_xx Input leakage current
0< VIN ≤ Max(VDDXXX) (9)
--
+/-250
VPP (BOOT0 alternate function)
0< VIN ≤ VDDIOX
--
15
VDDIOX < VIN ≤ 9 V
35
RPU
Weak pull-up equivalent
resistor(8)
VIN=VSS
30
40
50
kΩ
RPD
Weak pull-down equivalent
resistor(8)
VIN=VDD(9)
30
40
50
CIO
I/O pin capacitance
-
-
5
-
pF
1. Compliant with CMOS requirements.
2. Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com