Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H742VG Datasheet(PDF) 274 Page - STMicroelectronics

Part # STM32H742VG
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H742VG Datasheet(HTML) 274 Page - STMicroelectronics

Back Button STM32H742VG Datasheet HTML 270Page - STMicroelectronics STM32H742VG Datasheet HTML 271Page - STMicroelectronics STM32H742VG Datasheet HTML 272Page - STMicroelectronics STM32H742VG Datasheet HTML 273Page - STMicroelectronics STM32H742VG Datasheet HTML 274Page - STMicroelectronics STM32H742VG Datasheet HTML 275Page - STMicroelectronics STM32H742VG Datasheet HTML 276Page - STMicroelectronics STM32H742VG Datasheet HTML 277Page - STMicroelectronics STM32H742VG Datasheet HTML 278Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 274 / 357 page
background image
Electrical characteristics (rev V)
STM32H742xI/G STM32H743xI/G
274/357
DS12110 Rev 10
The following table summarizes the parameters measured in DDR mode.
Table 181. QUADSPI characteristics in SDR mode(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Fck11/TCK
QUADSPI clock
frequency
2.7<VDD<3.6 V
CL = 20 pF
--
133
MHz
1.62<VDD<3.6 V
CL = 15 pF
--
100
tw(CKH)
QUADSPI clock high
and low time Even
division
PRESCALER[7:0] =
n = 0,1,3,5...
TCK/2–0.5
-
TCK/2
ns
tw(CKL)
TCK/2
-
TCK/2+0.5
tw(CKH)
QUADSPI clock high
and low time Odd
division
PRESCALER[7:0] =
n = 2,4,6,8...
(n/2)*TCK/(n+1)-0.5
-
(n/2)*TCK/ (n+1)
tw(CKL)
(n/2+1)*TCK/(n+1)
-
(n/2+1)*TCK/
(n+1)+0.5
ts(IN)
Data input setup time
2.7<VDD<3.6 V
2
-
-
1.62<VDD<3.6 V
2
-
-
th(IN)
Data input hold time
2.7<VDD<3.6 V
1
-
-
1.62<VDD<3.6 V
2.5
-
-
tv(OUT)
Data output valid time
-
-
1
2
th(OUT)
Data output hold time
-
0
-
-
1. Guaranteed by characterization results.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com