Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR91XF Datasheet(PDF) 54 Page - STMicroelectronics

Part # STR91XF
Description  ARM966E-S 16/32-Bit Flash MCU with Ethernet, USB, CAN, AC Motor Control, 4 Timers, ADC, RTC, DMA
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR91XF Datasheet(HTML) 54 Page - STMicroelectronics

Back Button STR91XF Datasheet HTML 50Page - STMicroelectronics STR91XF Datasheet HTML 51Page - STMicroelectronics STR91XF Datasheet HTML 52Page - STMicroelectronics STR91XF Datasheet HTML 53Page - STMicroelectronics STR91XF Datasheet HTML 54Page - STMicroelectronics STR91XF Datasheet HTML 55Page - STMicroelectronics STR91XF Datasheet HTML 56Page - STMicroelectronics STR91XF Datasheet HTML 57Page - STMicroelectronics STR91XF Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 72 page
background image
Electrical characteristics
STR91xF
54/72
6.10
Flash memory characteristics
VDDQ = 2.7 - 3.6V, VDD = 1.65 - 2V, TA = -40 / 85 °C unless otherwise specified.
Table 14.
Flash memory program/erase characteristics
Notes: 1 STR91xFx44 devices have 512 Kbytes primary Flash, STR91xFx32 devices have 256 Kbytes
primary Flash
2VDD = 1.8V, VDDQ = 3.3V, TA = 25°C.
Table 15.
Flash memory endurance
Parameter
Test Conditions
Value
Unit
Typ2)
Typ after
100K W/E
cycles2)
Max
Bank erase
Primary Bank
(512 Kbytes)1)
7TBD
TBD
s
Primary Bank
(256 Kbytes)1)
4TBD
TBD
s
Secondary Bank
(32 Kbytes)
700
TBD
TBD
ms
Sector erase
Of Primary Bank
(64 Kbytes)
1200
TBD
TBD
ms
Of Secondary Bank
(8 Kbytes)
300
TBD
TBD
ms
Bank program
Primary Bank
(512 Kbytes)1)
3700
TBD
TBD
ms
Primary Bank
(256 Kbytes)1)
1900
TBD
TBD
ms
Secondary Bank
(32 Kbytes)
250
TBD
TBD
ms
Sector program
Of Primary Bank
(64 Kbytes)
600
TBD
TBD
ms
Of Secondary Bank
(8 Kbytes)
60
TBD
TBD
ms
Word program
8
TBD
TBD
µs
Sector erase
timeout
TBD
µs
Parameter
Test Conditions
Value
Unit
Min
Typ
Max
Program/erase cycles
Per word
100K
cycles
Data retention
20
years



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com