Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR91XF Datasheet(PDF) 59 Page - STMicroelectronics

Part # STR91XF
Description  ARM966E-S 16/32-Bit Flash MCU with Ethernet, USB, CAN, AC Motor Control, 4 Timers, ADC, RTC, DMA
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR91XF Datasheet(HTML) 59 Page - STMicroelectronics

Back Button STR91XF Datasheet HTML 55Page - STMicroelectronics STR91XF Datasheet HTML 56Page - STMicroelectronics STR91XF Datasheet HTML 57Page - STMicroelectronics STR91XF Datasheet HTML 58Page - STMicroelectronics STR91XF Datasheet HTML 59Page - STMicroelectronics STR91XF Datasheet HTML 60Page - STMicroelectronics STR91XF Datasheet HTML 61Page - STMicroelectronics STR91XF Datasheet HTML 62Page - STMicroelectronics STR91XF Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 72 page
background image
STR91xF
Electrical characteristics
59/72
6.12
ADC electrical characteristics
VDDQ = 2.7 - 3.6V, VDD = 1.65 - 2V, TA = -40 / 85 °C unless otherwise specified.
Table 19.
ADC Electrical Characteristics
Notes: 1 Conditions: AVSS = 0 V, AVDD = 3.3 V.
2 The A/D is monotonic, there are no missing codes.
3 1 LSB = (VDDA - VSSA)/1024
Symbol
Parameter
Test Conditions
Value
Unit
Min
Typ
Max
VAIN
Input Voltage Range
0
AVREF
V
RES
Resolution
10
Bits
NCH
Number of Input Channels
8
N
fADC
ADC Clock Frequency
0.1
3.4
MHz
Start Up Time
Return From Idle
TBD
µs
Track and Hold Acquisition
Time
TBD
ns
Conversion Time
fADC =
2µs
Throughput Rate
fADC =
6.25
212.5
ksps
CIN
Input Capacitance
TBD
pF
ZIN
Input Impedance
TBD
MW
ED
Differential Non-Linearity
[1] [2]
3.5
TBD
LSB[3]
EL
Integral Non-Linearity
[1]
5
TBD
LSB
EO
Offset Error
[1]
3
TBD
LSB
EG
Gain Error
[1]
1
TBD
LSB
ET
Absolute Error
[1]
4
TBD
LSB
IADC
Power Consumption
TBD
mA
ISTBY
Standby Power Consumption
TBD
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com