Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR91XF Datasheet(PDF) 6 Page - STMicroelectronics

Part # STR91XF
Description  ARM966E-S 16/32-Bit Flash MCU with Ethernet, USB, CAN, AC Motor Control, 4 Timers, ADC, RTC, DMA
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR91XF Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STR91XF Datasheet HTML 2Page - STMicroelectronics STR91XF Datasheet HTML 3Page - STMicroelectronics STR91XF Datasheet HTML 4Page - STMicroelectronics STR91XF Datasheet HTML 5Page - STMicroelectronics STR91XF Datasheet HTML 6Page - STMicroelectronics STR91XF Datasheet HTML 7Page - STMicroelectronics STR91XF Datasheet HTML 8Page - STMicroelectronics STR91XF Datasheet HTML 9Page - STMicroelectronics STR91XF Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 72 page
background image
Introduction
STR91xF
6/72
1
Introduction
STR91xF is a series of ARM-powered microcontrollers which combines a 16/32-bit ARM966E-
S RISC processor core, dual-bank Flash memory, large SRAM for data or code, and a rich
peripheral set to form an ideal embedded controller for a wide variety of applications such as
point-of-sale terminals, industrial automation, security and surveillance, vending machines,
communication gateways, serial protocol conversion, and medical equipment. The ARM966E-S
core can perform single-cycle DSP instructions, good for speech processing, audio algorithms,
and low-end imaging.
This Preliminary Datasheet provides STR91xF ordering information, functional overview,
mechanical information, and electrical device characteristics.
For complete information on STR91xF memory, registers, and peripherals, please refer to the
STR91xF Reference Manual.
For information on programming the STR91xF Flash memory please refer to the STR9 Flash
Programming Reference Manual
For information on the ARM966E-S core, please refer to the ARM966E-S Rev. 2 Technical
Reference Manual.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com