Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR91XF Datasheet(PDF) 23 Page - STMicroelectronics

Part # STR91XF
Description  ARM966E-S 16/32-Bit Flash MCU with Ethernet, USB, CAN, AC Motor Control, 4 Timers, ADC, RTC, DMA
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR91XF Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STR91XF Datasheet HTML 19Page - STMicroelectronics STR91XF Datasheet HTML 20Page - STMicroelectronics STR91XF Datasheet HTML 21Page - STMicroelectronics STR91XF Datasheet HTML 22Page - STMicroelectronics STR91XF Datasheet HTML 23Page - STMicroelectronics STR91XF Datasheet HTML 24Page - STMicroelectronics STR91XF Datasheet HTML 25Page - STMicroelectronics STR91XF Datasheet HTML 26Page - STMicroelectronics STR91XF Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 72 page
background image
STR91xF
Functional overview
23/72
Debugging requires that an external host computer, running debug software, is connected to
the STR91xF target system via hardware which converts the stream of debug data and
commands from the host system’s protocol (USB, Ethernet, etc.) to the JTAG EmbeddedICE-
RT protocol on the STR91xF. These protocol converters are commercially available and
operate with debugging software tools.
The CPU may be forced into a Debug State by a breakpoint (code fetch), a watchpoint (data
access), or an external debug request over the JTAG channel, at which time the CPU core and
memory system are effectively stopped and isolated from the rest of the system. This is known
as Halt Mode and allows the internal state of the CPU core, memory, and peripherals to be
examined and manipulated. Typical debug functions are supported such as run, halt, and
single-step. The EmbeddedICE-RT logic supports two hardware compare units. Each can be
configured to be either a watchpoint or a breakpoint. Breakpoints can also be data-dependent.
Debugging (with some limitations) may also occur through the JTAG interface while the CPU is
running full speed, known as Monitor Mode. In this case, a breakpoint or watchpoint will not
force a Debug State and halt the CPU, but instead will cause an exception which can be tracked
by the external host computer running monitor software. Data can be sent and received over
the JTAG channel without affecting normal instruction execution. Time critical code, such as
Interrupt Service Routines may be debugged real-time using Monitor Mode.
2.15.4 JTAG security bit
This is a non-volatile bit (Flash memory based), which when set will not allow any further JTAG
commands to be accepted by the STR91xF except the “Full Chip Erase” command. No JTAG
debug commands are accepted while the security bit is set.
Using JTAG ISP, this bit is typically programmed during manufacture of the end product to
prevent unwanted future access to firmware intellectual property. The JTAG Security Bit can be
cleared only by a JTAG “Full Chip Erase” command, making the STR91xF device blank and
ready for programming again. The CPU can read the status of the JTAG Security Bit, but it may
not change the bit value.
2.16
Embedded trace module (ARM ETM9, v. r2p2)
The ETM9 interface provides greater visibility of instruction and data flow happening inside the
CPU core by streaming compressed data at a very high rate from the STR91xF though a small
number of ETM9 pins to an external Trace Port Analyzer (TPA) device. The TPA is connected to
a host computer using USB, Ethernet, or other high-speed channel. Real-time instruction flow
and data activity can be recorded and later formatted and displayed on the host computer
running debugger software, and this software is typically integrated with the debug software
used for EmbeddedICE-RT functions such as single-step, breakpoints, etc. Tracing may be
triggered and filtered by many sources, such as instruction address comparators, data
watchpoints, context ID comparators, and counters. State sequencing of up to three triggers is
also provided. TPA hardware is commercially available and operates with debugging software
tools.
The ETM9 interface is nine pins total, four of which are data lines, and all pins can be used for
GPIO after tracing is no longer needed. The ETM9 interface is used in conjunction with the
JTAG interface for trace configuration. When tracing begins, the ETM9 engine compresses the
data by various means before broadcasting data at high speed to the TPA over the four data
lines. The most common ETM9 compression technique is to only output address information
when the CPU branches to a location that cannot be inferred from the source code. This means



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com