Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR91XF Datasheet(PDF) 47 Page - STMicroelectronics

Part # STR91XF
Description  ARM966E-S 16/32-Bit Flash MCU with Ethernet, USB, CAN, AC Motor Control, 4 Timers, ADC, RTC, DMA
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR91XF Datasheet(HTML) 47 Page - STMicroelectronics

Back Button STR91XF Datasheet HTML 43Page - STMicroelectronics STR91XF Datasheet HTML 44Page - STMicroelectronics STR91XF Datasheet HTML 45Page - STMicroelectronics STR91XF Datasheet HTML 46Page - STMicroelectronics STR91XF Datasheet HTML 47Page - STMicroelectronics STR91XF Datasheet HTML 48Page - STMicroelectronics STR91XF Datasheet HTML 49Page - STMicroelectronics STR91XF Datasheet HTML 50Page - STMicroelectronics STR91XF Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 72 page
background image
STR91xF
Electrical characteristics
47/72
6
Electrical characteristics
6.1
Absolute maximum ratings
This product contains devices to protect the inputs against damage due to high static voltages.
However, it is advisable to take normal precautions to avoid application of any voltage higher
than the specified maximum rated voltages. It is also recommended to ground any unused input
pin to reduce power consumption and minimize noise.
Table 3.
Absolute maximum ratings
Note:
Stresses exceeding above listed recommended "Absolute Maximum Ratings" may cause
permanent damage to the device. This is a stress rating only and functional operation of the
device at these or any other conditions above those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for extended
periods may affect device reliability. During overload conditions (VIN>VDDQ or VIN<VSSQ) the
voltage on pins with respect to ground (VSSQ) must not exceed the recommended values.
Symbol
Parameter
Value
Unit
Min
Max
VDD
Voltage on VDD pin with respect to ground VSS
-0.3
2.4
V
VDDQ
Voltage on VDDQ pin with respect to ground VSS
-0.3
4.0
V
VBATT
Voltage on VBATT pin with respect to ground VSS
-0.3
4.0
V
AVDD
Voltage on AVDD pin with respect to ground VSS
(128-pin package)
-0.3
4.0
V
AVREF
Voltage on AVREF pin with respect to ground VSS
(128-pin package)
-0.3
4.0
V
AVREF_AVDD
Voltage on AVREF_AVDD pin with respect to
Ground VSS (80-pin package)
-0.3
4.0
V
VIN
Voltage on any other pin with respect to ground
VSS
-0.3
4.0
V
IOV
Input current on any pin during overload condition
-10
+10
mA
ITDV
Absolute sum of all input currents during overload
condition
|200|
mA
TST
Storage Temperature
-55
+150
°C
ESD
ESD Susceptibility (Human Body Model)
2000
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com