Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR91XF Datasheet(PDF) 68 Page - STMicroelectronics

Part # STR91XF
Description  ARM966E-S 16/32-Bit Flash MCU with Ethernet, USB, CAN, AC Motor Control, 4 Timers, ADC, RTC, DMA
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR91XF Datasheet(HTML) 68 Page - STMicroelectronics

Back Button STR91XF Datasheet HTML 64Page - STMicroelectronics STR91XF Datasheet HTML 65Page - STMicroelectronics STR91XF Datasheet HTML 66Page - STMicroelectronics STR91XF Datasheet HTML 67Page - STMicroelectronics STR91XF Datasheet HTML 68Page - STMicroelectronics STR91XF Datasheet HTML 69Page - STMicroelectronics STR91XF Datasheet HTML 70Page - STMicroelectronics STR91XF Datasheet HTML 71Page - STMicroelectronics STR91XF Datasheet HTML 72Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 68 / 72 page
background image
Package mechanical data
STR91xF
68/72
7
Package mechanical data
Figure 25. 80-Pin Low Profile Quad Flat Package
Figure 26. 128-Pin Low Profile Quad Flat Package
20
21
40
41
60
61
80
E1
E
D1
D
1
b
e
E3
D3
PIN 1
IDENTIFICATION
0.25 mm
GAGE PLANE
L
L1
SEATING
PLANE
C
C
ccc
Dim.
mm
inches
Min
Typ
Max
Min
Typ
Max
A
1.60
0.063
A1
0.05
0.15 0.002
0.006
A2
1.35 1.40 1.45 0.053 0.055 0.057
b
0.17 0.22 0.27 0.007 0.009 0.011
c
0.09
0.20 0.004
0.008
D
14.00
0.551
D1
12.00
0.472
D2
9.50
0.374
E
14.00
0.551
E1
12.00
0.472
E2
9.50
0.374
e
0.50
0.020
L
0.45 0.60 0.75 0.018 0.024 0.030
L1
1.00
0.039
k
0d7d
0d7d
ddd
0.08
0.003
Number of Pins
N80
32
33
64
65
96
97
128
E1
E
D1
D
1
b
e
E3
D3
PIN 1
IDENTIFICATION
SEATING
PLANE
C
0.25 mm
GAGE PLANE
L
L1
C
ccc
Dim.
mm
inches
Min
Typ
Max
Min
Typ
Max
A
1.60
0.063
A1
0.05
0.15 0.002
0.006
A2
1.35 1.40 1.45 0.053 0.055 0.057
b
0.13 0.18 0.23 0.005 0.007 0.009
c
0.09
0.20 0.004
0.008
D
15.80 16.00 16.20 0.622 0.630 0.638
D1
13.80 14.00 14.20 0.543 0.551 0.559
D3
12.40
0.488
E
15.80 16.00 16.20 0.622 0.630 0.638
E1
13.80 14.00 14.20 0.543 0.551 0.559
E3
12.40
0.488
e
0.40
0.016
L
0.45 0.60 0.75 0.018 0.024 0.030
L1
1.00
0.039
k
0d3.5d7d
0d3.5d7d
ccc
0.08
0.003
Number of Pins
N
128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com