Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR91XF Datasheet(PDF) 41 Page - STMicroelectronics

Part # STR91XF
Description  ARM966E-S 16/32-Bit Flash MCU with Ethernet, USB, CAN, AC Motor Control, 4 Timers, ADC, RTC, DMA
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR91XF Datasheet(HTML) 41 Page - STMicroelectronics

Back Button STR91XF Datasheet HTML 37Page - STMicroelectronics STR91XF Datasheet HTML 38Page - STMicroelectronics STR91XF Datasheet HTML 39Page - STMicroelectronics STR91XF Datasheet HTML 40Page - STMicroelectronics STR91XF Datasheet HTML 41Page - STMicroelectronics STR91XF Datasheet HTML 42Page - STMicroelectronics STR91XF Datasheet HTML 43Page - STMicroelectronics STR91XF Datasheet HTML 44Page - STMicroelectronics STR91XF Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 72 page
background image
STR91xF
Pin description
41/72
62 100
RESET
_OUTn
O
Global or
System reset
output
N/A
65 104
X1_CPU
I
CPU oscillator
or crystal input
N/A
64 103
X2_CPU
O
CPU crystal
connection
N/A
27
42
X1_RTC
I
RTC oscillator
or crystal input
(32KHz)
N/A
26
41
X2_RTC
O
RTC crystal
connection
N/A
61
97
JRTCK
O
JTAG return
clock
N/A
RTC_CAL,
RTC Oscillator
Calibration Out
N/A
67 107
JTRSTn
I
JTAG TAP
controller reset
N/A
68 108
JTCK
I
JTAG clock
N/A
69 111
JTMS
I
JTAG mode
select
N/A
72 115
JTDI
I
JTAG data in
N/A
73 117
JTDO
O
JTAG data out
N/A
-
122
AVDD
V
ADC analog
voltage sourc,
2.7V - 3.6V
N/A
-
4
AVSS
G
ADC analog
ground
N/A
5-
AVSS
_VSSQ
G
Common
ground point
for digital I/O &
analog ADC
N/A
-
123
AVREF
V
ADC reference
voltage input
N/A
76
-
AVREF
_AVDD
V
Combined
ADC ref
voltage and
ADC analog
voltage source,
2.7V - 3.6V
N/A
24
39
VBATT
V
Standby
voltage input
for RTC and
SRAM backup
N/A
Pkg
Pin Name
Default Pin
Function
Default Input
Function
Alternate functions
Alternate
Input 1
Alternate
Output 1
Alternate
Output 2
Alternate
Output 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com