Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR91XF Datasheet(PDF) 18 Page - STMicroelectronics

Part # STR91XF
Description  ARM966E-S 16/32-Bit Flash MCU with Ethernet, USB, CAN, AC Motor Control, 4 Timers, ADC, RTC, DMA
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR91XF Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STR91XF Datasheet HTML 14Page - STMicroelectronics STR91XF Datasheet HTML 15Page - STMicroelectronics STR91XF Datasheet HTML 16Page - STMicroelectronics STR91XF Datasheet HTML 17Page - STMicroelectronics STR91XF Datasheet HTML 18Page - STMicroelectronics STR91XF Datasheet HTML 19Page - STMicroelectronics STR91XF Datasheet HTML 20Page - STMicroelectronics STR91XF Datasheet HTML 21Page - STMicroelectronics STR91XF Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 72 page
background image
Functional overview
STR91xF
18/72
2.12.1 Independent A/D converter supply and reference voltage
The ADC unit on 128-pin packages has an isolated analog voltage supply input at pin AVDD to
accept a very clean voltage source, independent of the digital voltage supplies. The analog
voltage supply range on pin AVDD is the same range as the digital voltage supply on pin
VDDQ. Additionally, an isolated analog supply ground connection is provided on pin AVSS only
on 128-pin packages for further ADC supply isolation. On 80-pin packages, the analog voltage
supply is shared with the ADC reference voltage pin (as described next), and the analog ground
is shared with the digital ground at a single point in the STR91xF device on pin AVSS_VSSQ.
A separate external analog reference voltage input for the ADC unit is available on 128-pin
packages at the AVREF pin for better accuracy on low voltage inputs, and the voltage on
AVREF can range from 1.0V to VDDQ. For 80-pin packages, the ADC reference voltage is tied
internally to the ADC unit supply voltage at pin AVCC_AVREF, meaning the ADC reference
voltage is fixed to the ADC unit supply voltage.
2.12.2 Battery supply
An optional stand-by voltage from a battery or other source may be connected to pin VBATT to
retain the contents of SRAM in the event of a loss of the VDD supply. The SRAM will
automatically switch its supply from the internal VDD source to the VBATT pin when the voltage
of VDD drops below that of VBATT.
The VBATT pin also supplies power to the RTC unit, allowing the RTC to function even when
the main digital supplies (VDD and VDDQ) are switched off. Using the STR91xF device
configuration software tool, it is possible to select whether or not to power from VBATT only the
RTC unit, or power the RTC unit and the SRAM when the STR91xF device is powered off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com