Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR91XF Datasheet(PDF) 55 Page - STMicroelectronics

Part # STR91XF
Description  ARM966E-S 16/32-Bit Flash MCU with Ethernet, USB, CAN, AC Motor Control, 4 Timers, ADC, RTC, DMA
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR91XF Datasheet(HTML) 55 Page - STMicroelectronics

Back Button STR91XF Datasheet HTML 51Page - STMicroelectronics STR91XF Datasheet HTML 52Page - STMicroelectronics STR91XF Datasheet HTML 53Page - STMicroelectronics STR91XF Datasheet HTML 54Page - STMicroelectronics STR91XF Datasheet HTML 55Page - STMicroelectronics STR91XF Datasheet HTML 56Page - STMicroelectronics STR91XF Datasheet HTML 57Page - STMicroelectronics STR91XF Datasheet HTML 58Page - STMicroelectronics STR91XF Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 72 page
background image
STR91xF
Electrical characteristics
55/72
6.11
External memory bus timings
VDDQ = 2.7 - 3.6V, VDD = 1.65 - 2V, TA = -40 / 85 °C unless otherwise specified.
Table 16.
EMI Bus Clock Period
Notes: 1 EMI Bus clock is an internal clock only and is not available on the EMI bus pin
2 EMI_ratio =1/ 2 by default (can be programmed to be 1 by setting the proper bits in the
SCU_CLKCNTR register)
Table 17.
EMI read operation
Notes: 1 ALE_LENGTH = 1 by default (can be programmed to be 2 by setting the bits In the SCU_SCR0
register)
2 WSTRD = 1Fh by default (RD wait state time = WSTRD x tBCLK, WSTRD can be programmed
in the EMI_RCRx Register)
3 WSTOEN = 1 by default (RD assertion delay from chip select. WSTOEN can be programmed in
the EMI_OECRx Register)
Symbol
Parameter
Value
tBCLK
EMI Bus Clock period
1 /(fHCLK x EMI_ratio)
Symbol
Parameter
Value
Unit
Min
Typ
Max
tRCR
Read to CSn inactive
0
ns
tRP
Read Pulse Width
(WSTRD-WSTOEN+1)*
tBCLK
ns
tRDS
Read Data Setup Time
4
ns
tRDH
Read Data Hold Time
0
ns
tRAS
Read Address Setup Time
(WSTOEN)* tBCLK
ns
tRAH
Read Address Hold Time
0
ns
tAW
ALE pulse width
(ALE_LENGTH)* tBCLK
ns
tAAH
Address to ALE hold time
tBCLK/2
ns
tAAS
Address to ALE setup time
(ALE_LENGTH)* tBCLK
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com