Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4260CSW Datasheet(PDF) 7 Page - Linear Technology

Part # LTC4260CSW
Description  Positive High Voltage Hot Swap Controller with I2C Compatible Monitoring
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4260CSW Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC4260CSW Datasheet HTML 3Page - Linear Technology LTC4260CSW Datasheet HTML 4Page - Linear Technology LTC4260CSW Datasheet HTML 5Page - Linear Technology LTC4260CSW Datasheet HTML 6Page - Linear Technology LTC4260CSW Datasheet HTML 7Page - Linear Technology LTC4260CSW Datasheet HTML 8Page - Linear Technology LTC4260CSW Datasheet HTML 9Page - Linear Technology LTC4260CSW Datasheet HTML 10Page - Linear Technology LTC4260CSW Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
LTC4260
7
4260f
PI FU CTIO S
ADIN: ADC Input. A voltage between 0V and 2.56V applied
to this pin can be measured by the onboard ADC. Tie to
ground if unused.
ADR0 to ADR2: Serial Bus Address Inputs. Tying these
pins to ground, open or INTVCC configures one of 27 pos-
sible addresses. See Table 1 in Applications Information.
ALERT: Fault Alert Output. Open-drain logic output that
can be pulled to ground when a fault occurs to alert the
host controller. A fault alert is enabled by the ALERT
register. This device is compatible with SMBus alert
protocol. See Applications Information. Tie to ground if
unused.
BD_PRST: Board Present Input. Ground this pin to enable
the N-channel FET to turn on after 100ms debounce delay.
When this pin is high, the FET is off. An internal 10µA
current source pulls up this pin. Transitions on this pin will
be recorded in the FAULT register. A high-to-low transition
activates the logic to read the state of the ON pin and clear
Faults. See Applications Information.
Exposed Pad (Pin 33, UH Package): Exposed Pad may be
left open or connected to device ground.
FB: Foldback and Power Good Input. A resistive divider
from the output voltage is tied to this pin. When the voltage
at this pin drops below 3.41V, the output power is consid-
ered bad and the current limit is reduced. The power bad
condition can be indicated with the GPIO pin and a power
bad fault can be logged in this condition. See Applications
Information.
GATE: Gate Drive for External N-Channel FET. An internal
18µA current source charges the gate of the external
N-channel MOSFET. A resistor and capacitor network
from this pin to ground sets the turn-on rate and compen-
sates the active current limit. During turn-off there is a
1mA pull-down current. During a short circuit or under-
voltage lockout (VDD or INTVCC), a 600mA pull-down
current source between GATE and SOURCE is activated.
GND: Device Ground.
TYPICAL PERFOR A CE CHARACTERISTICS T
A = 25°C, VDD = 48V unless otherwise noted.
ADC INL vs Code (ADIN Pin)
CODE
0
0
0.25
256
4260 G16
–0.25
–0.50
64
128
192
0.50
ADC DNL vs Code (ADIN Pin)
CODE
0
0
0.25
256
4260 G17
–0.25
–0.50
64
128
192
0.50
ADC Full-Scale Error
vs Temperature (ADIN Pin)
TEMPERATURE (°C)
–50
–2
–1
0
1
2
–25
0
25
50
3708 G15
75
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com