Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4260CSW Datasheet(PDF) 15 Page - Linear Technology

Part # LTC4260CSW
Description  Positive High Voltage Hot Swap Controller with I2C Compatible Monitoring
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4260CSW Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC4260CSW Datasheet HTML 11Page - Linear Technology LTC4260CSW Datasheet HTML 12Page - Linear Technology LTC4260CSW Datasheet HTML 13Page - Linear Technology LTC4260CSW Datasheet HTML 14Page - Linear Technology LTC4260CSW Datasheet HTML 15Page - Linear Technology LTC4260CSW Datasheet HTML 16Page - Linear Technology LTC4260CSW Datasheet HTML 17Page - Linear Technology LTC4260CSW Datasheet HTML 18Page - Linear Technology LTC4260CSW Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
LTC4260
15
4260f
Gate Pin Voltage
A curve of gate drive vs VDD is shown in the Typical
Performance curves. At the minimum input supply volt-
age of 8.5V, the minimum gate drive voltage is 4.5V.
When the input supply voltage is higher than 20V, the gate
drive is at least 10V and a regular N-FET can be used. In
applications over a 8.5V to 20V range, a logic level N-FET
must be used to maintain adequate gate enhancement.
The GATE pin is clamped at a typical value of 15V above
the SOURCE pin.
Configuring the GPIO Pin
Table 3 describes the possible states of the GPIO pin using
the control register bits A6 and A7. At power-up, the
default state is for the GPIO pin to go high impedance when
power is good (FB pin greater than 3.5V). Other uses for
the GPIO pin are to pull down when power is good, a
general purpose output and a general purpose input.
Compensating the Active Current Loop
The active current limit circuit is compensated using the
resistor R6 and the slew rate capacitor C1. The value for C1
is calculated to limit the inrush current. The suggested
value for R6 is 100k. This value should work for most pass
FETs (Q1). If the gate capacitance of Q1 is very small then
the best method to compensate the loop is to add a ≈10nF
capacitor between the GATE and SOURCE terminals.
Supply Transients
The LTC4260 is designed to ride through supply transients
caused by load steps. If there is a shorted load and the
parasitic inductance back to the supply is greater than
0.5µH, there is a chance that the supply could collapse
before the active current limit circuit brings down the
GATE pin. In this case the undervoltage monitors turn off
the pass FET. The undervoltage lockout circuit has a 5µs
filter time after VDD drops below 7.5V. The UV pin reacts
in 2µs to shut the GATE off, but it is recommended to add
a filter capacitor CF to prevent unwanted shutdown caused
by short transient. Eventually either the UV pin or the
undervoltage lockout responds to bring the current under
control before the supply completely collapses.
Supply Transient Protection
The LTC4260 is 100% tested and guaranteed to be safe
from damage with supply voltages up to 100V. However,
spikes above 100V may damage the part. During a short-
circuit condition, the large change in currents flowing
through the power supply traces can cause inductive
voltage spikes which could exceed 100V. To minimize the
spikes, the power trace inductance should be minimized
by using wider traces or heavier trace plating. Adding a
snubber circuit will dampen the voltage spikes. It is built
using a 100Ω resistor in series with a 0.1µF capacitor
between VDD and GND. A surge suppressor, Z1 in Figure 1,
at the input will clamp the voltage spikes.
Design Example
As a design example, take the following specifications: VIN
= 48V, IMAX = 5A, IINRUSH = 1A, CL= 330µF, VUVON = 43V,
VUVOFF= 38.5V, VOVOFF= 70V, VPWRGDUP= 46V, VPWRGDDN
= 45V and I2CADDRESS = 1010011. The selection of the
sense resistor, RS, is set by the overcurrent threshold of
50mV:
R
mV
I
mV
A
S
MAX
===
Ω
50
50
5
0 010
.
The FET should be sized to handle the power dissipation
during the inrush charging of the output capacitor COUT.
The method used to determine the power is the principle:
EC = Energy in CL= Energy in Q1
Thus:
EC = 1/2 CV2 = 1/2(0.33mF)(48V)2 = 0.38J
Calculate the time it takes to charge up COUT:
t
CV
I
FV
A
ms
CHARGUP
LIN
INRUSH
==
µ
=
••
330
48
1
16
The average power dissipated in the FET:
P
E
t
J
ms
W
DISS
C
CHARGUP
==
≅
038
16
24
.
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com