Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4260CSW Datasheet(PDF) 21 Page - Linear Technology

Part # LTC4260CSW
Description  Positive High Voltage Hot Swap Controller with I2C Compatible Monitoring
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4260CSW Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC4260CSW Datasheet HTML 17Page - Linear Technology LTC4260CSW Datasheet HTML 18Page - Linear Technology LTC4260CSW Datasheet HTML 19Page - Linear Technology LTC4260CSW Datasheet HTML 20Page - Linear Technology LTC4260CSW Datasheet HTML 21Page - Linear Technology LTC4260CSW Datasheet HTML 22Page - Linear Technology LTC4260CSW Datasheet HTML 23Page - Linear Technology LTC4260CSW Datasheet HTML 24Page - Linear Technology LTC4260CSW Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
LTC4260
21
4260f
APPLICATIO S I FOR ATIO
Table 2. LTC4260 Register Addresses and Contents
REGISTER
REGISTER
ADDRESS*
NAME
READ/WRITE
DESCRIPTION
00h
CONTROL (A)
R/W
Controls Whether the Part Retries After Faults, Set the Switch State
01h
ALERT (B)
R/W
Controls Whether the ALERT Pin is Pulled Low After a Fault is Logged in the Fault Register
02h
STATUS (C)
R
System Status Information
03h
FAULT (D)
R/W
Fault Log
04h
SENSE (E)
R/W**
ADC Current Sense Voltage Data
05h
SOURCE (F)
R/W**
ADC SOURCE Voltage Data
06h, 07h
ADIN (G)
R/W**
ADC ADIN Voltage Data
*Register address MSBs b7-b3 are ignored.
**Writable if bit A5 set.
Table 3. CONTROL Register A (00h)—Read/Write
BIT
NAME
OPERATION
A7:6
GPIO Configure
Configures Behavior of GPIO Pin
A5
Test Mode Enable
Test Mode Halts ADC Operation and Enables Writes to ADC Registers
1 = Enable Test Mode, 0 = Disable Test Mode (Default)
A4
Mass Write Enable
Enables Mass Write Using Address (1011 111)b
1 = Enable Mass Write (Default), 0 = Disable Mass Write
A3
FET On Control
Turns FET On and Off
1 = Turn FET On, 0 = Turn FET Off. Defaults to ON Pin State at End of Debounce Delay
A2
Overcurrent Autoretry
Enables Autoretry After an Overcurrent Fault
1 = Retry Enabled, 0 = Retry Disabled (Default)
A1
Undervoltage Autoretry
Enables Autoretry After an Undervoltage Fault
1 = Retry Enabled (Default), 0 = Retry Disabled
A0
Overvoltage Autoretry
Enables Autoretry After an Overvoltage Fault
1 = Retry Enabled (Default), 0 = Retry Disabled
FUNCTION
A6
A7
GPIO PIN
Power Good (Default)
0
0
GPIO = C3
Power Bad
0
1
GPIO = C3
General Purpose Output
1
0
GPIO = B6
General Purpose Input
1
1
GPIO = Hi-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com