Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4260CSW Datasheet(PDF) 11 Page - Linear Technology

Part # LTC4260CSW
Description  Positive High Voltage Hot Swap Controller with I2C Compatible Monitoring
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4260CSW Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC4260CSW Datasheet HTML 7Page - Linear Technology LTC4260CSW Datasheet HTML 8Page - Linear Technology LTC4260CSW Datasheet HTML 9Page - Linear Technology LTC4260CSW Datasheet HTML 10Page - Linear Technology LTC4260CSW Datasheet HTML 11Page - Linear Technology LTC4260CSW Datasheet HTML 12Page - Linear Technology LTC4260CSW Datasheet HTML 13Page - Linear Technology LTC4260CSW Datasheet HTML 14Page - Linear Technology LTC4260CSW Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
LTC4260
11
4260f
APPLICATIO S I FOR ATIO
The typical LTC4260 application is in a high availability
system that uses a positive voltage supply to distribute
power to individual cards. The device measures card
voltages and currents and records past and present fault
conditions. The system queries each LTC4260 over the I2C
periodically and reads the stored information.
The basic LTC4260 application circuit is shown in Fig-
ure 1. External component selection is discussed in detail
in the Design Example section.
Turn-On Sequence
The power supply on a board is controlled by placing an
external N-channel pass transistor (Q1) in the power path.
Note that sense resistor (RS) detects current and capacitor
C1 controls the GATE slew rate. Resistor R6 compensates
the current control loop while R5 prevents high frequency
oscillations in Q1. Resistors R1, R2 and R3 provide
undervoltage and overvoltage sensing.
Several conditions must be present before the external
switch can be turned on. First the external supply VDD
must exceed its undervoltage lockout level. Next the
internally generated supply INTVCC must cross its 4.5V
undervoltage threshold. This generates a 60µs to 120µs
power-on-reset pulse. During reset the fault registers are
cleared and the control registers are set or cleared as
described in the register section.
After the power-on-reset pulse, the LTC4260 will go
through the following turn-on sequence. First, the UV and
OV pins must indicate that the input power is within the
acceptable range and the BD_PRST pin must be pulled
low. All of these conditions must be satisfied for duration
of 100ms to ensure that any contact bounce during
insertion has ended.
When these initial conditions are satisfied, the ON pin is
checked. If it is high, the external switch turns on. If it is low,
the external switch turns on when the ON pin is brought high
or if a serial bus turn-on command is received.
The switch is turned on by charging up the GATE with a
18µA current source (Figure 2). The voltage at the GATE
pin rises with a slope equal to 18µA/C1 and the supply
inrush current is set at:
I
C
C
A
INRUSH
L
=µ
1
18
•
When the GATE voltage reaches the FET threshold voltage,
the switch begins to turn on and the SOURCE voltage
follows the GATE voltage as it increases.
16
UV
R3
2.67k
1%
R2
1.74k
1%
5
42
1
24
23
18
13
20
14
7
9
10
8
11
R1
49.9k
1%
Z1*
SMBT70A
VDD
SENSE
LTC4260GN
R6
100k
Q1
FDB3632
RS
0.010Ω
VIN
48V
R5
10Ω
C1
6.8nF
CL
330µF
R7
43.5k
1%
VOUT
48V
R8
3.57k
1%
R4
100k
CF
0.1µF
GATE
INTVCC ADR0 ADR1
NC
ADR2 GND
FB
BD_PRST
TIMER
ADIN
GPIO
4260 F01
SOURCE
OV
ON
SDAI
SDA0
SCL
ALERT
12
19
15
C3
0.1µF
17
6
+
CT
68nF
*DIODES, INC
BACKPLANE PLUG-IN
CARD
SDA
SCL
ALERT
GND
Figure 1. 5A, 48V Card Resident Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com